Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC7448HX800N Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PPC7448HX800N
Description  MPC7448 Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC7448HX800N Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPC7448HX800N Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
3
PPC7448HX1267ND 1
1267
1.05 V ± 50 mV
0 to 105
Modified core frequency and voltage to reduce
power consumption.
PPC7448HX1400N
x 1
1400
1.1 V ± 50 mV 2
PPC7448VS600N
x 1
600
1.0 V ± 50 mV
PPC7448VS667N
x 1
667
1.0 V ± 50 mV
PPC7448VS800N
x 1
800
1.0 V ± 50 mV
PPC7448VS867N
x 1
867
1.0 V ± 50 mV
PPC7448VS1000N
x 1
1000
1.0 V ± 50 mV
PPC7448VS1250N
x 1
1250
1.1 V ± 50 mV
PPC7448VS1267NC 1
1267
1.1 V ± 50 mV
PPC7448VS1267ND 1
1267
1.05 V ± 50 mV
PPC7448VS1400N
x 1
1400
1.1 V ± 50 mV 2
PPC7448VU600N
x 1
600
1.0 V ± 50 mV
PPC7448VU667N
x 1
667
1.0 V ± 50 mV
PPC7448VU800N
x 1
800
1.0 V ± 50 mV
PPC7448VU867N
x 1
867
1.0 V ± 50 mV
PPC7448VU1000N
x 1
1000
1.0 V ± 50 mV
PPC7448VU1250N
x 1
1250
1.1 V ± 50 mV
PPC7448VU1267NC
1
1267
1.1 V ± 50 mV
PPC7448VU1267ND 1
1267
1.05 V ± 50 mV
PPC7448VU1400N
x 1
1400
1.1 V ± 50 mV 2
Notes:
1. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes can be shipped, written
authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the
fact that product changes may still occur as pilot production prototypes are shipped.
2. See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD specifications for 1400 MHz devices.
Table A. Part Numbers Addressed by This Data Sheet (continued)
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specifications
CPU
Frequency
(MHz)
VDD
Tj
(•C)
C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com