Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC7448HX800N Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PPC7448HX800N
Description  MPC7448 Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC7448HX800N Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PPC7448HX800N Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC7448HX800N Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
6
Freescale Semiconductor
General Parameters
Table 7. Power Consumption for MPC7448 at Maximum Rated Frequency
Die
Junction
(Tj) (•C)
C)
Maximum Processor Core Frequency (Speed Grade, MHz)
Unit
Notes
600,
667
800,
867
1000
1250
1267 7
1400
Full-Power Mode
Typical, Nominal
65
8.5
9.0
9.5
10.0
8.4
11.0
W
1, 2
Typical, Thermal
105
10.8
11.4
12.0
12.6
10.3
13.7
W
1, 5
Maximum
105
12.5
13.2
13.9
14.6
12.0
15.9
W
1, 3
Nap Mode
Typical
105
6.5
6.5
6.5
8.3
6.5
8.3
W
1, 6
Sleep Mode
Typical
105
6.3
6.3
6.3
8.0
6.3
8.0
W
1, 6
Deep Sleep Mode (PLL Disabled)
Typical
105
6.0
6.0
6.0
7.7
6.0
7.7
W
1, 6
Notes:
1. These values specify the power consumption for the core power supply (VDD) at nominal voltage and apply to all valid
processor bus frequencies and configurations. The values do not include I/O supply power (OVDD) or PLL supply power
(AVDD). OVDD power is system dependent but is typically < 5% of VDD power. Worst case power consumption for
AVDD <13mW.
2. Typical nominal power consumption is an average value measured at the nominal recommended VDD (see Table 4) and
65
°C while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz. This parameter is not 100%
tested but periodically sampled.
3. Maximum power consumption is the average measured at nominal VDD and maximum operating junction temperature (see
Table 4) while running an entirely cache-resident, contrived sequence of instructions to keep all the execution units
maximally busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a
result, power consumption for this mode is not tested.
5. Typical thermal power consumption is an average value measured at the nominal recommended VDD (see Table 4) and
105
°C while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz. This parameter is not 100%
tested but periodically sampled.
6. Typical power consumption for these modes is measured at the nominal recommended VDD (see Table 4) and 105°C in the
mode described. This parameter is not 100% tested but is periodically sampled.
7. Power consumption for the 1267 MHz device is intentionally constrained via testing and sorting to assure low power
consumption for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com