Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 22 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors General use
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 22 Page - TDK Electronics

Back Button C2012 Datasheet HTML 18Page - TDK Electronics C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
(21/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
TEMPERATURE CHARACTERISTICS: X7R(±15%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
4.7µF
2012
1.25±0.20
±10%
C2012X7R1V475K(125AC)
C2012X7R1E475K(125AB)
C2012X7R1C475K(125AB)
±20%
C2012X7R1V475M(125AC) C2012X7R1E475M(125AB) C2012X7R1C475M(125AB)
3216
0.85±0.10
±10%
C3216X7R1V475K(085AC)
C3216X7R1E475K(085AB)
C3216X7R1C475K(085AB)
±20%
C3216X7R1V475M(085AC) C3216X7R1E475M(085AB) C3216X7R1C475M(085AB)
1.60±0.10
±10%
C3216X7R1E475K(160AC)
±20%
C3216X7R1E475M(160AC)
1.60±0.20
±10%
C3216X7R1V475K(160AB)
±20%
C3216X7R1V475M(160AB)
3225
2.50±0.20
±10%
C3225X7R1H475K(250AB)
±20%
C3225X7R1H475M(250AB)
6.8µF
3216
1.60±0.10
±10%
C3216X7R1V685K(160AC)
C3216X7R1E685K(160AB)
C3216X7R1C685K(160AC)
±20%
C3216X7R1V685M(160AC) C3216X7R1E685M(160AB) C3216X7R1C685M(160AC)
4532
2.50±0.30
±10%
C4532X7R1H685K(250KB)
±20%
C4532X7R1H685M(250KB)
10µF
3216
1.60±0.10
±10%
C3216X7R1C106K(160AB)
±20%
C3216X7R1C106M(160AB)
1.60±0.20
±10%
C3216X7R1V106K(160AC)
C3216X7R1E106K(160AB)
±20%
C3216X7R1V106M(160AC) C3216X7R1E106M(160AB)
3225
2.50±0.20
±10%
C3225X7R1E106K(250AC)
±20%
C3225X7R1E106M(250AC)
4532
2.50±0.30
±10%
C4532X7R1E106K(250KA)
±20%
C4532X7R1E106M(250KA)
5750
2.30±0.20
±10%
C5750X7R1H106K(230KB)
±20%
C5750X7R1H106M(230KB)
15µF
3225
2.50±0.30
±20%
C3225X7R1C156M(250AB)
4532
2.50±0.30
±20%
C4532X7R1E156M(250KC)
22µF
3225
2.50±0.30
±20%
C3225X7R1C226M(250AC)
4532
2.00±0.20
±20%
C4532X7R1C226M(200KC)
2.50±0.30
±20%
C4532X7R1E226M(250KC)
5750
2.50±0.30
±20%
C5750X7R1E226M(250KA)
33µF
4532
2.50±0.30
±20%
C4532X7R1C336M(250KC)
5750
2.00±0.20
±20%
C5750X7R1C336M(200KB)
47µF
5750
2.30±0.20
±20%
C5750X7R1C476M(230KB)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
100pF
0402
0.20±0.02
±10%
C0402X7R1A101K(020BA)
±20%
C0402X7R1A101M(020BA)
150pF
0402
0.20±0.02
±10%
C0402X7R1A151K(020BA)
±20%
C0402X7R1A151M(020BA)
220pF
0402
0.20±0.02
±10%
C0402X7R1A221K(020BA)
±20%
C0402X7R1A221M(020BA)
330pF
0402
0.20±0.02
±10%
C0402X7R1A331K(020BA)
±20%
C0402X7R1A331M(020BA)
470pF
0402
0.20±0.02
±10%
C0402X7R1A471K(020BA)
±20%
C0402X7R1A471M(020BA)
680pF
0402
0.20±0.02
±10%
C0402X7R1A681K(020BA)
±20%
C0402X7R1A681M(020BA)
220nF
1005
0.50±0.05
±10%
C1005X7R1A224K(050BB)
±20%
C1005X7R1A224M(050BB)
1.5µF
1608
0.80±0.10
±10%
C1608X7R1A155K(080AC)
C1608X7R0J155K(080AB)
±20%
C1608X7R1A155M(080AC) C1608X7R0J155M(080AB)
2.2µF
1608
0.80±0.10
±10%
C1608X7R1A225K(080AC)
C1608X7R0J225K(080AB)
±20%
C1608X7R1A225M(080AC) C1608X7R0J225M(080AB)
4.7µF
2012
0.85±0.10
±10%
C2012X7R1A475K(085AC)
C2012X7R0J475K(085AB)
±20%
C2012X7R1A475M(085AC) C2012X7R0J475M(085AB)
1.25±0.10
±10%
C2012X7R1A475K(125AC)
±20%
C2012X7R1A475M(125AC)
6.8µF
2012
1.25±0.10
±10%
C2012X7R1A685K(125AC)
±20%
C2012X7R1A685M(125AC)
10µF
2012
1.25±0.20
±10%
C2012X7R1A106K(125AC)
±20%
C2012X7R1A106M(125AC)
3216
0.85±0.10
±10%
C3216X7R1A106K(085AC)
C3216X7R0J106K(085AB)
±20%
C3216X7R1A106M(085AC) C3216X7R0J106M(085AB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com