Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 23 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors General use
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 23 Page - TDK Electronics

Back Button C2012 Datasheet HTML 19Page - TDK Electronics C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
(22/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X7S(±22%)
TEMPERATURE CHARACTERISTICS: X7S(±22%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
6.8µF
3225
2.50±0.20
±10%
C3225X7S1H685K(250AB)
±20%
C3225X7S1H685M(250AB)
10µF
3225
2.50±0.20
±10%
C3225X7S1H106K(250AB)
±20%
C3225X7S1H106M(250AB)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
100nF
0603
0.30±0.03
±10%
C0603X7S0G104K(030BC)
±20%
C0603X7S0G104M(030BC)
220nF
0603
0.30±0.03
±10%
C0603X7S0G224K(030BC)
±20%
C0603X7S0G224M(030BC)
470nF
1005
0.50±0.05
±10%
C1005X7S1A474K(050BC)
C1005X7S0J474K(050BB)
±20%
C1005X7S1A474M(050BC) C1005X7S0J474M(050BB)
1µF
1005
0.50±0.05
±10%
C1005X7S0G105K(050BC)
±20%
C1005X7S0G105M(050BC)
2.2µF
1608
0.80±0.10
±10%
C1608X7S1A225K(080AC)
C1608X7S0J225K(080AB)
±20%
C1608X7S1A225M(080AC) C1608X7S0J225M(080AB)
4.7µF
1608
0.80±0.10
±10%
C1608X7S0G475K(080AC)
±20%
C1608X7S0G475M(080AC)
10µF
2012
0.85±0.10
±10%
C2012X7S0G106K(085AC)
±20%
C2012X7S0G106M(085AC)
47µF
3225
2.50±0.30
±20%
C3225X7S0J476M(250AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com