Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 30 Page - TDK Electronics

Part # C2012
Description  Multilayer Ceramic Chip Capacitors General use
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 30 Page - TDK Electronics

Back Button C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
(29/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%)
TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
100nF
1005
0.50±0.05
+80%, –20%
C1005Y5V1E104Z(050BA)
1608
0.80±0.10
+80%, –20% C1608Y5V1H104Z(080AA)
220nF
1005
0.50±0.05
+80%, –20%
C1005Y5V1E224Z(050BA)
1608
0.80±0.10
+80%, –20% C1608Y5V1H224Z(080AA)
470nF
1608
0.80±0.10
+80%, –20% C1608Y5V1H474Z(080AA)
1µF
1608
0.80±0.10
+80%, –20%
C1608Y5V1E105Z(080AA)
2012
0.85±0.10
+80%, –20% C2012Y5V1H105Z(085AA)
2.2µF
1608
0.80±0.10
+80%, –20%
C1608Y5V1C225Z(080AA)
2012
1.25±0.10
+80%, –20% C2012Y5V1H225Z(125AA)
4.7µF
2012
1.25±0.20
+80%, –20%
C2012Y5V1E475Z(125AA)
3216
1.60±0.10
+80%, –20% C3216Y5V1H475Z(160AA)
10µF
2012
1.25±0.20
+80%, –20%
C2012Y5V1C106Z(125AA)
3216
1.60±0.20
+80%, –20%
C3216Y5V1E106Z(160AA)
3225
1.60±0.20
+80%, –20% C3225Y5V1H106Z(160AA)
22µF
3216
1.60±0.20
+80%, –20%
C3216Y5V1C226Z(160AA)
3225
2.00±0.20
+80%, –20%
C3225Y5V1E226Z(200AA)
5750
2.00±0.20
+80%, –20% C5750Y5V1H226Z(200KA)
47µF
3225
2.30±0.20
+80%, –20%
C3225Y5V1C476Z(230AA)
5750
2.00±0.20
+80%, –20%
C5750Y5V1E476Z(200KA)
100µF
5750
2.50±0.30
+80%, –20%
C5750Y5V1C107Z(250KA)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
Rated voltage Edc: 4V
470nF
1005
0.50±0.05
+80%, –20% C1005Y5V1A474Z(050BA)
1µF
1005
0.50±0.05
+80%, –20%
C1005Y5V0J105Z(050BA)
4.7µF
1608
0.80±0.10
+80%, –20%
C1608Y5V0J475Z(080AA)
22µF
2012
1.25±0.20
+80%, –20%
C2012Y5V0J226Z(125AA)
47µF
3216
1.60+0.30/–0.10
+80%, –20%
C3216Y5V0J476Z(160AA)
3225
2.00±0.20
+80%, –20% C3225Y5V1A476Z(200AA)
100µF
3225
2.50±0.30
+80%, –20%
C3225Y5V0J107Z(250AA)
4532
2.50±0.30
+80%, –20% C4532Y5V1A107Z(250KA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com