Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510INSLE Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5510INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5510INSLE Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5510INSLE Datasheet HTML 4Page - Texas Instruments TLC5510INSLE Datasheet HTML 5Page - Texas Instruments TLC5510INSLE Datasheet HTML 6Page - Texas Instruments TLC5510INSLE Datasheet HTML 7Page - Texas Instruments TLC5510INSLE Datasheet HTML 8Page - Texas Instruments TLC5510INSLE Datasheet HTML 9Page - Texas Instruments TLC5510INSLE Datasheet HTML 10Page - Texas Instruments TLC5510INSLE Datasheet HTML 11Page - Texas Instruments TLC5510INSLE Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
functional operation
The output code change with input voltage is shown in Table 1.
Table 1. Functional Operation
INPUT SIGNAL
STEP
DIGITAL OUTPUT CODE
INPUT SIGNAL
VOLTAGE
STEP
MSB
LSB
Vref(B)
255
0
0
0
0
0
0
0
0
•
•
•
••
••
••
•
•
•
•
••
••
••
•
•
128
0
11
11
11
1
•
127
1
00
00
00
0
•
•
•
••
••
••
•
•
•
•
••
••
••
•
Vref(T)
0
1
1
1
1
1
1
1
1
APPLICATION INFORMATION
The following notes are design recommendations that should be used with the device.
D External analog and digital circuitry should be physically separated and shielded as much as possible to
reduce system noise.
D RF breadboarding or printed-circuit-board (PCB) techniques should be used throughout the evaluation and
production process. Breadboards should be copper clad for bench evaluation.
D Since AGND and DGND are connected internally, the ground lead in must be kept as noise free as possible.
A good method to use is twisted-pair cables for the supply lines to minimize noise pickup. An analog and
digital ground plane should be used on PCB layouts when additional logic devices are used. The AGND
and DGND terminals of the device should be tied to the analog ground plane.
D VDDA to AGND and VDDD to DGND should be decoupled with 1-µF and 0.01-µF capacitors, respectively,
and placed as close as possible to the affected device terminals. A ceramic-chip capacitor is recommended
for the 0.01-
µF capacitor. Care should be exercised to ensure a solid noise-free ground connection for the
analog and digital ground terminals.
D VDDA, AGND, and ANALOG IN should be shielded from the higher frequency terminals, CLK and D0–D7.
When possible, AGND traces should be placed on both sides of the ANALOG IN traces on the PCB for
shielding.
D In testing or application of the device, the resistance of the driving source connected to the analog input
should be 10
Ω or less within the analog frequency range of interest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com