Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510INSLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5510INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5510INSLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5510INSLE Datasheet HTML 7Page - Texas Instruments TLC5510INSLE Datasheet HTML 8Page - Texas Instruments TLC5510INSLE Datasheet HTML 9Page - Texas Instruments TLC5510INSLE Datasheet HTML 10Page - Texas Instruments TLC5510INSLE Datasheet HTML 11Page - Texas Instruments TLC5510INSLE Datasheet HTML 12Page - Texas Instruments TLC5510INSLE Datasheet HTML 13Page - Texas Instruments TLC5510INSLE Datasheet HTML 14Page - Texas Instruments TLC5510INSLE Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
NS (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040062 / B 2/95
14 PIN SHOWN
2,00 MAX
A
0,05 MIN
Seating Plane
1,05
0,55
1
14
PINS **
5,60
5,00
7
8,20
7,40
8
A MIN
A MAX
DIM
Gage Plane
0,15 NOM
0,25
9,90
9,90
10,50
14
10,50
16
12,30
14,70
15,30
12,90
20
24
0,10
1,27
0
°–10°
M
0,25
0,35
0,51
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com