Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5510INSLE Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5510INSLE
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5510INSLE Datasheet(HTML) 1 Page - Texas Instruments

  TLC5510INSLE Datasheet HTML 1Page - Texas Instruments TLC5510INSLE Datasheet HTML 2Page - Texas Instruments TLC5510INSLE Datasheet HTML 3Page - Texas Instruments TLC5510INSLE Datasheet HTML 4Page - Texas Instruments TLC5510INSLE Datasheet HTML 5Page - Texas Instruments TLC5510INSLE Datasheet HTML 6Page - Texas Instruments TLC5510INSLE Datasheet HTML 7Page - Texas Instruments TLC5510INSLE Datasheet HTML 8Page - Texas Instruments TLC5510INSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Analog Input Range
– TLC5510 ...2 V Full Scale
– TLC5510A ...4 V Full Scale
D 8-Bit Resolution
D Integral Linearity Error
±0.75 LSB Max (25°C)
±1 LSB Max (–20°C to 75°C)
D Differential Linearity Error
±0.5 LSB Max (25°C)
±0.75 LSB Max (–20°C to 75°C)
D Maximum Conversion Rate
20 Mega-Samples per Second
(MSPS) Max
D 5-V Single-Supply Operation
D Low Power Consumption
TLC5510 . . . 127.5 mW Typ
TLC5510A . . . 150 mW Typ
(includes reference resistor dissipation)
D TLC5510 is Interchangeable With Sony
CXD1175
applications
D Digital TV
D Medical Imaging
D Video Conferencing
D High-Speed Data Conversion
D QAM Demodulators
description
The TLC5510 and TLC5510A are CMOS, 8-bit, 20
MSPS analog-to-digital converters (ADCs) that
utilize a semiflash architecture. The TLC5510 and
TLC5510A operate with a single 5-V supply and
typically consume only 130 mW of power.
Included is an internal sample-and-hold circuit,
parallel outputs with high-impedance mode, and
internal reference resistors.
The
semiflash
architecture
reduces
power
consumption and die size compared to flash
converters. By implementing the conversion in a
2-step process, the number of comparators is
significantly reduced. The latency of the data
output valid is 2.5 clocks.
The TLC5510 uses the three internal reference
resistors to create a standard, 2-V, full-scale
conversion range using VDDA. Only external jumpers are required to implement this option and eliminates the
need for external reference resistors. The TLC5510A uses only the center internal resistor section with an
externally applied 4-V reference such that a 4-V input signal can be used. Differential linearity is 0.5 LSB at 25
°C
and a maximum of 0.75 LSB over the full operating temperature range. Typical dynamic specifications include
a differential gain of 1% and differential phase of 0.7 degrees.
The TLC5510 and TLC5510A are characterized for operation from –20
°C to 75°C.
AVAILABLE OPTIONS
PACKAGE
MAXIMUM FULL SCALE
TA
TSSOP (PW)
SOP (NS)
(TAPE AND REEL ONLY)
MAXIMUM FULL-SCALE
INPUT VOLTAGE
20
°Cto75°C
TLC5510IPW
TLC5510INSLE
2 V
– 20
°C to 75°C
–
TLC5510AINSLE
4 V
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1994 – 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
DGND
D1(LSB)
D2
D3
D4
D5
D6
D7
D8(MSB)
VDDD
CLK
DGND
REFB
REFBS
AGND
AGND
ANALOG IN
VDDA
REFT
REFTS
VDDA
VDDA
VDDD
PW OR NS PACKAGE†
(TOP VIEW)
† Available in tape and reel only and ordered
as the shown in the Available Options table
below.


Similar Part No. - TLC5510INSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510INSLE TI-TLC5510INSLE Datasheet
218Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSLE TI1-TLC5510INSLE Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSLE TI1-TLC5510INSLE Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSLE TI1-TLC5510INSLE Datasheet
681Kb / 21P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSLE TI2-TLC5510INSLE Datasheet
524Kb / 22P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
REVISED JUNE 2003
More results

Similar Description - TLC5510INSLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
14-Bit High Speed, Analog To-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com