Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/T Datasheet(PDF) 20 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 16Page - Texas Instruments CC1050/T Datasheet HTML 17Page - Texas Instruments CC1050/T Datasheet HTML 18Page - Texas Instruments CC1050/T Datasheet HTML 19Page - Texas Instruments CC1050/T Datasheet HTML 20Page - Texas Instruments CC1050/T Datasheet HTML 21Page - Texas Instruments CC1050/T Datasheet HTML 22Page - Texas Instruments CC1050/T Datasheet HTML 23Page - Texas Instruments CC1050/T Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CC1050
SWRS044
Page 20 of 40
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write MAIN:
F_REG = 0
TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 1
Frequency registers A and B are both used
Write CAL:
CAL_START=1
The result of the calibration is stored for
Both frequency FREQ_A and FREQ_B, and
can be read from the status registers TEST0
and TEST2
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be
used for both frequencies
Calibration time depend on the reference
frequency, see text.
Write CAL:
CAL_START=0
End of calibration
Wait for maximum 26 ms, or
Read CAL and wait until
CAL_COMPLETE=1
Start dual calibration
Either frequency register A or B is selected
Write MAIN:
F_REG = 0
TX_PD = 0; FS_PD = 0
CORE_PD = 0; BIAS_PD = 0; RESET_N=1
Write FREQ_A, FREQ_B
If DR>=38kBd then {write TEST4: L2KIO=3Fh,
PRESCALER = 04h}
Write CAL: CAL_DUAL = 1
Frequency registers A and B are both used
Write CAL:
CAL_START=1
The result of the calibration is stored for
Both frequency FREQ_A and FREQ_B, and
can be read from the status registers TEST0
and TEST2
Write CURRENT:
VCO_CURRENT = Current
Write PA_POW = 00h
‘Current’ is the VCO current to be
used for both frequencies
Calibration time depend on the reference
frequency, see text.
Figure 12. Dual calibration algorithm
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com