Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/T Datasheet(PDF) 27 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 23Page - Texas Instruments CC1050/T Datasheet HTML 24Page - Texas Instruments CC1050/T Datasheet HTML 25Page - Texas Instruments CC1050/T Datasheet HTML 26Page - Texas Instruments CC1050/T Datasheet HTML 27Page - Texas Instruments CC1050/T Datasheet HTML 28Page - Texas Instruments CC1050/T Datasheet HTML 29Page - Texas Instruments CC1050/T Datasheet HTML 30Page - Texas Instruments CC1050/T Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CC1050
SWRS044
Page 27 of 40
Optional LC Filter
An optional LC filter may be added
between the antenna and the matching
network in certain applications. The filter
will reduce the emission of harmonics.
A Pi-type filter topology is shown in Figure
17. Component values are given in Table
5. The filter is designed for 50
Ω
terminations. The component values may
have to be tuned to compensate for layout
parasitics.
A T-Type LC filter can be used to further
attenuate harmonics if the Pi-type filter is
not sufficient. A T-type filter provides much
better stop-band attenuation than a Pi-
type filter due to improved insulation
between input and output. For more
details refer to Application Note AN028 LC
Filter
with
Improved
High-Frequency
Attenuation available from the Chipcon
web
site.
L71
C71
C72
L71
C71
C72
Figure 17. LC filter
Item
315 MHz
433 MHz
868 MHz
915 MHz
C71
30 pF
20 pF
10 pF
10 pF
C72
30 pF
20 pF
10 pF
10 pF
L71
15 nH
12 nH
5.6 nH
4.7 nH
Table 5. LC filter component values
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com