Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/T Datasheet(PDF) 26 Page - Texas Instruments

Part # CC1050/T
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC1050/T Datasheet HTML 22Page - Texas Instruments CC1050/T Datasheet HTML 23Page - Texas Instruments CC1050/T Datasheet HTML 24Page - Texas Instruments CC1050/T Datasheet HTML 25Page - Texas Instruments CC1050/T Datasheet HTML 26Page - Texas Instruments CC1050/T Datasheet HTML 27Page - Texas Instruments CC1050/T Datasheet HTML 28Page - Texas Instruments CC1050/T Datasheet HTML 29Page - Texas Instruments CC1050/T Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
CC1050
SWRS044
Page 26 of 40
Crystal oscillator
CC1050 has an advanced amplitude
regulated crystal oscillator. A high current
is used to start up the oscillations. When
the amplitude builds up, the current is
reduced to what is necessary to maintain
a 600 mVpp amplitude. This ensures a
fast
start-up,
keeps
the
current
consumption as well as the drive level to a
minimum
and
makes
the
oscillator
insensitive to ESR variations.
An external clock signal or the internal
crystal oscillator can be used as main
frequency reference. An external clock
signal should be connected to XOSC_Q1,
while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the XOSC register
should be set when an external clock
signal is used.
The crystal frequency should be in the
range 3-4, 6-8 or 9-16 MHz. Because the
crystal frequency is used as reference for
the data rate (as well as other internal
functions), the following frequencies are
recommended: 3.6864, 7.3728, 11.0592
or 14.7456 MHz. These frequencies will
give accurate data rates. The crystal
frequency
range
is
selected
by
XOSC_FREQ1:0 in the MODEM0 register.
To operate in synchronous mode at data
rates different from the standards at 1.2,
2.4, 4.8 kBaud and so on, the crystal
frequency can be scaled. The data rate
(DR) will change proportionally to the new
crystal frequency (f). To calculate the new
crystal frequency:
DR
DR
f
f
new
xtal
new
xtal
=
_
Using the internal crystal oscillator, the
crystal must be connected between
XOSC_Q1 and XOSC_Q2. The oscillator
is designed for parallel mode operation of
the crystal. In addition loading capacitors
(C3 and C4) for the crystal are required.
The loading capacitor values depend on
the total load capacitance, CL, specified for
the crystal. The total load capacitance
seen between the crystal terminals should
equal CL for the crystal to oscillate at the
specified frequency.
parasitic
L
C
C
C
C
+
+
=
4
3
1
1
1
The parasitic capacitance is constituted by
pin input capacitance and PCB stray
capacitance. Typically the total parasitic
capacitance is 8 pF. A trimming capacitor
may be placed across C4 for initial tuning
if necessary.
The crystal oscillator circuit is shown in
Figure 16. Typical component values for
different values of CL are given in Table 4.
The initial tolerance, temperature drift,
ageing and load pulling should be carefully
specified in order to meet the required
frequency
accuracy
in
a
certain
application.
C4
C3
XTAL
XOSC_Q1
XOSC_Q2
C4
C3
XTAL
XTAL
XOSC_Q1
XOSC_Q2
Figure 16. Crystal oscillator circuit
Item
CL= 12 pF
CL= 16 pF
CL= 22 pF
C3
6.8 pF
15 pF
27 pF
C4
6.8 pF
15 pF
27 pF
Table 4. Crystal oscillator component values
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com