Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/R Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 26Page - Texas Instruments CC1050/R Datasheet HTML 27Page - Texas Instruments CC1050/R Datasheet HTML 28Page - Texas Instruments CC1050/R Datasheet HTML 29Page - Texas Instruments CC1050/R Datasheet HTML 30Page - Texas Instruments CC1050/R Datasheet HTML 31Page - Texas Instruments CC1050/R Datasheet HTML 32Page - Texas Instruments CC1050/R Datasheet HTML 33Page - Texas Instruments CC1050/R Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
CC1050
SWRS044
Page 30 of 40
Configuration registers
The configuration of
CC1050 is done by
programming the 19 8-bit configuration
registers. The configuration data based on
selected system parameters are most
easily found by using the SmartRF
®
Studio software. A complete description of
the registers are given in the following
tables. After a RESET is programmed all
the registers have default values.
REGISTER OVERVIEW
ADDRESS
Byte Name
Description
00h
MAIN
MAIN Register
01h
FREQ_2A
Frequency Register 2A
02h
FREQ_1A
Frequency Register 1A
03h
FREQ_0A
Frequency Register 0A
04h
FREQ_2B
Frequency Register 2B
05h
FREQ_1B
Frequency Register 1B
06h
FREQ_0B
Frequency Register 0B
07h
FSEP1
Frequency Separation Register 1
08h
FSEP0
Frequency Separation Register 0
09h
CURRENT
Current Consumption Control Register
0Ah
XOSC
Crystal Oscillator Control Register
0Bh
PA_POW
PA Output Power Control Register
0Ch
PLL
PLL Control Register
0Dh
LOCK
LOCK Status Register and signal select to CHP_OUT (LOCK) pin
0Eh
CAL
VCO Calibration Control and Status Register
0Fh
Not used
Not used
10h
Not used
Not used
11h
MODEM0
Modem Control Register
12h
Not used
Not used
13h
FSCTRL
Frequency Synthesiser Control Register
14h
Reserved
15h
Reserved
16h
Reserved
17h
Reserved
18h
Reserved
19h
Reserved
1Ah
Reserved
1Bh
Reserved
1Ch
PRESCALER
Prescaler Control Register
40h
TEST6
Test register for PLL LOOP
41h
TEST5
Test register for PLL LOOP
42h
TEST4
Test register for PLL LOOP (must be updated as specified)
43h
TEST3
Test register for VCO
44h
TEST2
Test register for Calibration
45h
TEST1
Test register for Calibration
46h
TEST0
Test register for Calibration
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com