Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/R Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 1 Page - Texas Instruments

  CC1050/R Datasheet HTML 1Page - Texas Instruments CC1050/R Datasheet HTML 2Page - Texas Instruments CC1050/R Datasheet HTML 3Page - Texas Instruments CC1050/R Datasheet HTML 4Page - Texas Instruments CC1050/R Datasheet HTML 5Page - Texas Instruments CC1050/R Datasheet HTML 6Page - Texas Instruments CC1050/R Datasheet HTML 7Page - Texas Instruments CC1050/R Datasheet HTML 8Page - Texas Instruments CC1050/R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CC1050
SWRS044
Page 1 of 40
CC1050
Single Chip Very Low Power RF Transmitter
Applications
• Very low power UHF wireless data
transmitters
• 315 / 433 / 868 and 915 MHz ISM/SRD
band systems
• RKE – Remote Keyless Entry
• Home automation
• Wireless alarm and security systems
• AMR – Automatic Meter Reading
• Low power telemetry
• Game Controllers and advanced toys
Product Description
CC1050 is a true single-chip UHF trans-
mitter designed for very low power and
very low voltage wireless applications. The
circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 315, 433, 868 and 915 MHz, but
can easily be programmed for operation at
other frequencies in the 300-1000 MHz
range.
The main operating parameters of
CC1050
can be programmed via an easy-to-
interface serial bus, thus making
CC1050 a
very flexible and easy to use transmitter.
In a typical system
CC1050 will be used
together with a microcontroller and a few
external passive components.
CC1050 is based on Chipcon’s SmartRF®
technology in 0.35
µm CMOS.
Features
• True single chip UHF RF transmitter
• Very low current consumption
• Frequency range 300 – 1000 MHz
• Programmable output power –20 to
12 dBm
• Small size (TSSOP-24 package)
• Low supply voltage (2.1 V to 3.6 V)
• Very few external components required
• Single-ended antenna connection
• FSK data rate up to 76.8 kBaud
• Complies with EN 300 220 and FCC
CFR47 part 15
• Programmable frequency in 250 Hz
steps makes crystal temperature drift
compensation possible without TCXO
• Suitable
for
frequency
hopping
protocols
• Development Kit available
• Easy-to-use software for generating the
CC1050 configuration data
Not Recommended for New Designs


Similar Part No. - CC1050/R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1050/T&R TI-CC1050/T&R Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC1050/T&R TI1-CC1050/T&R Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
CC1050/T&R TI2-CC1050/T&R Datasheet
763Kb / 43P
Single Chip Very Low Power RF Transmitter
23-May-2025
CC1050/TANDR TI-CC1050/TANDR Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
More results

Similar Description - CC1050/R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
SINGLE-CHIP RF TRANSMITTER
CC2550 TI-CC2550 Datasheet
882Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
Single Chip Very Low Power RF Transmitter
CC1000 TI-CC1000 Datasheet
593Kb / 55P
Single Chip Very Low Power RF Transceiver
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
Single Chip Very Low Power RF Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
Single Chip Low Cost Low Power RF-Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
Single Chip Very Low Power RF Transmitter
CC1050 TI1-CC1050_15 Datasheet
658Kb / 40P
Single Chip Very Low Power RF Transmitter
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
SINGLE-CHIP RF TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com