Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1050/R Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1050/R
Description  Single Chip Very Low Power RF Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/R Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1050/R Datasheet HTML 2Page - Texas Instruments CC1050/R Datasheet HTML 3Page - Texas Instruments CC1050/R Datasheet HTML 4Page - Texas Instruments CC1050/R Datasheet HTML 5Page - Texas Instruments CC1050/R Datasheet HTML 6Page - Texas Instruments CC1050/R Datasheet HTML 7Page - Texas Instruments CC1050/R Datasheet HTML 8Page - Texas Instruments CC1050/R Datasheet HTML 9Page - Texas Instruments CC1050/R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CC1050
SWRS044
Page 6 of 40
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Serial interface (PCLK, PDATA and
PALE) timing specification
See Table 2 page 13
Current Consumption
Power Down mode
0.2
1
µA
Oscillator core off
Current Consumption,
transmit mode 433/868 MHz:
P=0.01mW (-20dBm)
P=0.3mW (-5dBm)
P=1mW (0dBm)
P=3mW (5dBm)
P=6mW (8dBm)
P=16mW (12dBm)
5.5/8.0
7.3/10.0
9.1/14.2
13.3/17.7
15.9/24.9
23.3/NA
mA
mA
mA
mA
mA
mA
The output power is delivered to a
50
Ω load
Current Consumption, crystal osc.
Current Consumption, crystal osc.
and bias
Current Consumption, crystal osc.,
bias and synthesiser
30
80
105
400
4.0
5.5
µA
µA
µA
µA
mA
mA
3-8 MHz, 16 pF load
9-14 MHz, 12 pF load
14-16 MHz, 16 pF load
< 500 MHz
> 500 MHz
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com