| Electronic Components Datasheet Search |
|
AD9974BBCZ Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9974BBCZ Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 52 page ![]() AD9974 Rev. A | Page 40 of 52 LAYOUT OF INTERNAL REGISTERS The AD9974 address space is divided into two register areas, as shown in Figure 54. In the first area, Address 0x00 to Address 0x72 contain the registers for the AFE, miscellaneous functions, VD/HD parameters, I/O control, mode control, timing core, and update control functions. The second area of the address space, beginning at Address 0x800, consists of the registers for the H-pattern groups and fields. This is a configurable set of register spaces; the user can decide how many H-patterns and fields are used in a particular design. The AD9974 supports the use of up to 32 H-patterns. Register 0x28 specifies the total number of H-pattern groups. The starting address for the H-pattern groups is always 0x800. The starting address for the field registers is determined by the number of H-pattern groups. Each H-pattern group and field occupies 16 register addresses. The starting address for the field registers is based on the number of H-pattern groups and is equal to 0x800 plus the number of H-pattern groups times 16. It is important to note that the H-pattern and field registers must always occupy a continuous block of addresses. Figure 55 shows an example when three H-pattern groups and two fields are used. The starting address for the H-pattern groups is always 0x800. Because HPATNUM is 3, the H-pattern groups occupy 48 address locations (that is, 16 registers × 3 H-pattern groups). The starting address of the field registers for this example is 0x830 (that is, 0x800 + 48 (decimal)). Note that the decimal value must be converted to a hex number before adding it to 0x800. The AD9974 address space contains many unused addresses. Any undefined addresses between Address 0x00 and Address 0x7FF should not be written to; otherwise, the AD9974 may operate incorrectly. Continuous register writes should be performed carefully so that undefined registers are not written to. FIXED REGISTER AREA AFE REGISTERS MISCELLANEOUS FUNCTION REGISTERS VD/HD REGISTERS I/O REGISTERS MODE CONTROL REGISTERS TIMING CORE REGISTERS TEST REGISTERS UPDATE CONTROL REGISTERS INVALID—DO NOT ACCESS CONFIGURABLE REGISTER AREA H-PATTERN GROUPS FIELDS ADDR 0x000 ADDR 0x7FF HPAT START 0x800 FIELD START MAX 0xFFF NOTES 1. THE H-PATTERN AND FIELD REGISTERS MUST ALWAYS OCCUPY A CONTINUOUS BLOCK OF ADDRESSES. Figure 54. Layout of AD9974 Registers 2 FIELDS (16 × 2 = 32 REGISTERS) 3 H-PATTERN GROUPS (16 × 3 = 48 REGISTERS) UNUSED MEMORY ADDR 0x800 ADDR 0x830 ADDR 0x850 MAX 0xFFF Figure 55. Example Register Configuration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |