Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9974BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9974BBCZ
Description  Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9974BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9974BBCZ Datasheet HTML 42Page - Analog Devices AD9974BBCZ Datasheet HTML 43Page - Analog Devices AD9974BBCZ Datasheet HTML 44Page - Analog Devices AD9974BBCZ Datasheet HTML 45Page - Analog Devices AD9974BBCZ Datasheet HTML 46Page - Analog Devices AD9974BBCZ Datasheet HTML 47Page - Analog Devices AD9974BBCZ Datasheet HTML 48Page - Analog Devices AD9974BBCZ Datasheet HTML 49Page - Analog Devices AD9974BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
AD9974
Rev. A | Page 46 of 52
Address
Data Bit
Content
Default
Value
Update
Name
Description
[10:8]
1
H3DRV
H3 Drive Strength.
[11]
Unused
Set unused bits to 0.
[14:12]
1
H4DRV
H4 Drive Strength.
[15]
Unused
Set unused bits to 0.
[18:16]
TESTMODE
Test Operation Only. Set to 0.
[19]
Unused
Set unused bits to 0.
[22:20]
1
RGDRV
RG Drive Strength.
[27:23]
0
Unused
Set unused bits to 0.
0x36
[5:0]
0
SCK
SHDLOC
SHD Sampling Edge Location.
[11:6]
20
SHPLOC
SHP Sampling Edge Location.
[17:12]
10
SHPWIDTH
SHP Width. Controls input dc restore switch active time.
[27:18]
Unused
Set unused bits to 0.
0x37
[5:0]
0
SCK
DOUTPHASEP
DOUT Positive Edge Phase Control.
[11:6]
20
DOUTPHASEN
DOUT Negative Edge Phase Control.
Set DOUTPHASEN = DOUTPHASEP + 0x20.
[12]
0
DCLKMODE
0 = DCLK tracks DOUT phase.
1 = DCLK is CLI post-Schmitt trigger and post-divider when
CLIDIVIDE = 1.
[14:13]
2
CLKDATA_SEL
Data Output Clock Selection.
0 = no delay.
1 = ~4 ns.
2 = ~8 ns.
3 = ~12 ns.
[15]
0
INV_DCLK
0 = no invert.
1 = invert DCLK to output.
[27:16]
Unused
Set unused bits to 0.
0x38
[27:0]
Unused
Set unused register to 0 if this register is accessed.
0x39
[27:0]
Unused
Set unused register to 0 if this register is accessed.
0x3A
[27:0]
Unused
Set unused register to 0 if this register is accessed.
0x3B
[27:0]
Unused
Set unused register to 0 if this register is accessed.
0x3C
[27:0]
Unused
Set unused register to 0 if this register is accessed.
0x3D
[27:0]
Unused
Set unused register to 0 if this register is accessed.
Table 28. Test Registers—Do Not Access
Address
Data Bit
Content
Default
Value
Update
Name
Description
0x3E
[18:0]
4B020
SCK
TESTMODE
Test Operation Only. Set to 4B020.
[27:19]
Unused
Set unused bits to 0.
0x3F
[27:0]
SCK
Unused
Set unused register to 0 if these registers are accessed.
0x40
[3:0]
F
SCK
TESTMODE
Test Operation Only. Set to F if accessed.
[9:4]
0
TESTMODE
Test Operation Only. Set to 0.
[27:10]
Unused
Set unused bits to 0.
0x41 to
0x4F
[27:0]
SCK
Unused
Set unused register to 0 if these registers are accessed.
0x50 to
0x5F
[27:0]
SCK
Unused
Set unused register to 0 if these registers are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com