Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2300AUJZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2300AUJZ-R7 Datasheet HTML 17Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 18Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 19Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 20Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 21Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 22Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 23Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 24Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 21 of 28
DESIGN EXAMPLE
This section provides the procedures to select the external com-
ponents, based on the example specifications listed in Table 10.
The schematic for this design example is shown in Figure 48.
Table 10. Step-Down DC-to-DC Regulator Requirements
Parameter
Specification
Additional
Requirements
Input Voltage, V
IN
12.0 V ± 10%
None
Output Voltage, V
OUT
3.3 V, 1.2 A, 1% V
OUT
ripple at CCM mode
None
Programmable
UVLO Voltage
V
IN start-up voltage
approximately 7.8 V
None
SWITCHING FREQUENCY SELECTION
Select the switching frequency—700 kHz (ADP2300) or 1.4 MHz
(ADP2301)—using the conversion limitation curve shown in
Figure 44 to assess the conversion limitations (the minimum on
time, the minimum off time, and the bootstrap dropout voltage).
For example, in Figure 44 VIN = 12 V ± 10% is within the conver-
sion limitation for both the 700 kHz and 1.4 MHz switching
frequencies for an output voltage of 3.3 V, but choosing the 1.4 MHz
switching frequency provides the smallest sized solution. If higher
efficiency is required, choose the 700 kHz option; however, the
PCB footprint area of the regulator will be larger because of the
bigger inductor and output capacitors.
CATCH DIODE SELECTION
Select the catch diode. A Schottky diode is recommended for best
efficiency because it has a low forward voltage drop and faster
switching speed. The average current of the catch diode in
normal operation, with a typical Schottky diode forward
voltage, can be calculated using the following equation:
(max)
)
(
1
LOAD
D
IN
D
OUT
AVG
DIODE
I
V
V
V
V
I
×


+
+
=
where:
VOUT = 3.3 V.
VIN = 12 V.
ILOAD(max) = 1.2 A.
VD = 0.4 V.
Therefore, IDIODE(AVG) = 0.85 A.
However, for the worst-case condition, in which there is a shorted
output, the diode current would be increased to 2 A typical, deter-
mined by the peak switch current limit (see Table 1). In this case,
selecting a B230A, 2.0 A/30 V surface-mount Schottky diode
would result in more reliable operation.
INDUCTOR SELECTION
Select the inductor by using the following equation:
(
)


+
+
×
×
×
=
D
IN
D
OUT
sw
LOAD
OUT
IN
V
V
V
V
f
I
V
V
L
(max)
3
.
0
where:
VOUT = 3.3 V.
VIN = 12 V.
ILOAD(max) = 1.2 A.
VD = 0.4 V.
fSW = 1.4 MHz.
This results in L = 5.15 µH. The closest standard value is 4.7 µH;
therefore, ΔIRIPPLE = 0.394 A.
The inductor peak current is calculated using the following
equation:
2
(max)
RIPPLE
LOAD
PEAK
I
I
I
+
=
where:
ILOAD(max) = 1.2 A.
ΔIRIPPLE = 0.394 A.
Therefore, the calculated peak current for the inductor is 1.397 A.
However, to protect the inductor from reaching its saturation
point in the current-limit condition, the inductor should be rated
for at least a 2.0 A saturation current for reliable operation.
OUTPUT CAPACITOR SELECTION
Select the output capacitor based on the output voltage ripple
requirement, according to the following equation:


+
×
×
×
=
OUT
C
OUT
sw
RIPPLE
RIPPLE
ESR
C
f
I
V
8
1
where:
ΔIRIPPLE = 0.394 A.
fSW = 1.4 MHz.
ΔVRIPPLE = 33 mV.
If the ESR of the ceramic capacitor is 3 mΩ, then COUT = 1.2 µF.
Because the output capacitor is one of the two external components
that control the loop stability, most applications using the ADP2301
(1.4 MHz switching frequency) require a minimum 10 µF capaci-
tance to ensure stability. According to the recommended external
components in Table 11, choose 22 µF with a 6.3 V voltage rating
for this example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com