Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2300AUJZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2300AUJZ-R7 Datasheet HTML 20Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 21Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 22Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 23Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 24Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 25Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 26Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 27Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP2300/ADP2301
Data Sheet
Rev. C | Page 26 of 28
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.10 MAX
*1.00 MAX
PIN 1
INDICATOR
*0.90
0.87
0.84
0.60
0.45
0.30
0.50
0.30
0.20
0.08
SEATING
PLANE
8°
4°
0°
Figure 59. 6-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Switching
Frequency
Temperature Range
Package Description
Package
Option
Branding
ADP2300AUJZ-R2
700 kHz
−40°C to +125°C
6-Lead Thin Small Outline Transistor Package [TSOT]
UJ-6
L87
ADP2300AUJZ-R7
700 kHz
−40°C to +125°C
6-Lead Thin Small Outline Transistor Package [TSOT]
UJ-6
L87
ADP2300-EVALZ
Evaluation Board
ADP2301AUJZ-R2
1.4 MHz
−40°C to +125°C
6-Lead Thin Small Outline Transistor Package [TSOT]
UJ-6
L86
ADP2301AUJZ-R7
1.4 MHz
−40°C to +125°C
6-Lead Thin Small Outline Transistor Package [TSOT]
UJ-6
L86
ADP2301-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com