Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2300AUJZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2300AUJZ-R7 Datasheet HTML 20Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 21Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 22Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 23Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 24Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 25Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 26Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 27Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 25 of 28
VIN = 12V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
56k
Ω
1%
C1
10µF
25V
R2
10.2k
Ω
1%
R1
31.6k
Ω
1%
C2
22µF
6.3V
D1
B230A
C3
0.1µF
6.3V
L1
4.7µH
2.0A
VOUT = 3.3V
1.2A
R4
10.2k
Ω
1%
Figure 54. ADP2301—1.4 MHz Typical Application, VIN = 12 V, VOUT = 3.3 V/1.2 A
(with Programmable 7.8 V Start-Up Input Voltage)
VIN = 12V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
100k
Ω
5%
R2
10k
Ω
1%
R1
52.3k
Ω
1%
C2
10µF
6.3V
C1
10µF
25V
D1
B230A
C3
0.1µF
6.3V
L1
4.7µH
2.0A
VOUT = 5V
1.2A
ON
OFF
Figure 55. ADP2301—1.4 MHz Typical Application, VIN = 12 V, VOUT = 5.0 V/1.2 A with External Enabling
VIN = 18V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
100k
Ω
5%
R2
10.2k
Ω
1%
R1
52.3k
Ω
1%
C2
10µF
6.3V
D1
B230A
C3
0.1µF
6.3V
C1
10µF
25V
L1
6.8µH
2.0A
VOUT = 5.0V
1.2A
ON
OFF
Figure 56. ADP2301—1.4 MHz Typical Application, VIN = 18 V, VOUT = 5.0 V/1.2 A with External Enabling
VIN = 9V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
100k
Ω
5%
R2
10.2k
Ω
1%
R1
31.6k
Ω
1%
C2
22µF
6.3V
D1
B230A
C3
0.1µF
6.3V
C1
10µF
25V
L1
4.7µH
2.0A
VOUT = 3.3V
1.2A
ON
OFF
Figure 57. ADP2301—1.4 MHz Typical Application, VIN = 9 V, VOUT = 3.3 V/1.2 A with External Enabling
VIN = 5V
VIN
BST
SW
FB
EN
GND
ADP2301
(1.4MHz)
R3
100k
Ω
5%
R2
10.2k
Ω
1%
R1
12.7k
Ω
1%
C2
22µF
6.3V
C3
22µF
6.3V
D1
B230A
C4
0.1µF
6.3V
C1
10µF
25V
L1
2.2µH
2.0A
VOUT = 1.8V
1.2A
ON
OFF
Figure 58. ADP2301—1.4 MHz Typical Application, VIN = 5 V, VOUT = 1.8 V/1.2 A with External Enabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com