Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8044AH-R0117 Datasheet(PDF) 23 Page - InnovASIC, Inc

Part # TP8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP8044AH-R0117 Datasheet(HTML) 23 Page - InnovASIC, Inc

Back Button TP8044AH-R0117 Datasheet HTML 19Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 20Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 21Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 22Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 23Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 24Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 25Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 26Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 27Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 23 of 65
1-888-824-4184
®
4.4
Special Function Registers
Table 9 presents the SFRs of the IA8044 and IA8344.
Table 9. Special Function Registers
Symbol
Register Description
Byte Address (Hex)
Bit Addresses (Hex)
(MSB
–LSB)
ACC
Accumulator
E0h
E7h
–E0h
B
B register
F0h
F7h
–F0h
PSW
Program Status Word
D0h
D7h
–D0h
SP
Stack Pointer
81h
DPH
Data Pointer High Byte
82h
DPL
Data Pointer Low Byte
83h
P0
Port 0
80h
87h
–80h
P1
Port 1
90h
97h
–90h
P2
Port 2
A0h
A7h
–A0h
P3
Port 3
B0h
B7h
–B0h
IP
Interrupt Priority
B8h
BCh
–B8h
IE
Interrupt Enable
A8h
AFh,ACh
–A8h
TMOD
Timer/Counter Mode
89h
TCON
Timer/Counter Control
88h
8Fh
–88h
TH0
Timer/Counter 0 high byte
8Ch
TL0
Timer/Counter 0 low byte
8Ah
TH1
Timer/Counter 1 high byte
8Dh
TL1
Timer/Counter 1 low byte
8Bh
SMD
Serial Mode
C9h
STS
SIU Status and Command
C8h
CFh
–C8h
NSNR
SIU Send/Receive Count
D8h
DFh
–D8h
STAD
SIU Station Address
CEh
TBS
Transmit Buffer Start Address
DCh
TBL
Transmit Buffer Length
DBh
TCB
Transmit Control Byte
DAh
RBS
Receive Buffer Start Address
CCh
RBL
Receive Buffer Length
CBh
RFL
Receive Field Length
CDh
RCB
Receive Control Byte
CAh
DMA CNT
DMA Count
CFh
FIFO
FIFO contents (3 bytes)
DF,DE,DDh
SIUST
SIU State Counter
D9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com