Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP8044AH-R0117 Datasheet(PDF) 51 Page - InnovASIC, Inc

Part # TP8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TP8044AH-R0117 Datasheet(HTML) 51 Page - InnovASIC, Inc

Back Button TP8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 48Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 49Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 50Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 51Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 52Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 53Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 54Page - InnovASIC, Inc TP8044AH-R0117 Datasheet HTML 55Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 51 of 65
1-888-824-4184
®
TRLAZ
RDn Low to Address Float
9
9
ns
TWHLH
RDn or WRn High to ALE High
83
83
TCLCL
TCLCL
ns
Table 50. Serial Interface Characteristics
Symbol
Parameter
Min
Max
Unit
TDCY
Data Clock
420
ns
TDCL
Data Clock Low
184
ns
TDCH
Data Clock High
184
ns
tTD
Transmit Data Delay
125
ns
tDSS
Data Setup Time
26
ns
tDHS
Data Hold Time
58
ns
Table 51. External Clock Drive Characteristics
Symbol
Parameter
Min
Max
Unit
TCLCL
Oscillator Period
52
ns
5.1
Memory Access Waveforms
The IA8044/IA8344 program memory read cycle, data memory read cycle, and data memory
write cycle are presented in Figures 13 through 15, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com