| Electronic Components Datasheet Search |
|
TP8044AH-R0117 Datasheet(PDF) 35 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
TP8044AH-R0117 Datasheet(HTML) 35 Page - InnovASIC, Inc |
|
35 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 35 of 65 1-888-824-4184 ® 4.9.5 Interrupt Handling The interrupt flags are sampled during each machine cycle. The samples are polled during the next machine cycle. If an interrupt flag is captured, the interrupt system will generate an LCALL instruction to the appropriate service routine, provided that this is not disabled by the following conditions: An interrupt of the same or higher priority is processed. The current machine cycle is not the last cycle of the instruction (the instruction cannot be interrupted). The instruction in progress is RETI or any write to IE or IP registers. Note: If an interrupt is disabled and the interrupt flag is cleared before the blocking condition is removed, no interrupt will be generated because the polling cycle will not sample any active interrupt condition. In other words, the interrupt condition is not remembered; every polling cycle is new. 4.9.6 Interrupt Priority Register (IP) This register sets the interrupt priority to high or low for each interrupt. When the bit is set, it selects high priority. Within each level the interrupts are prioritized as follows: External Interrupt 0 Timer/Counter 0 External Interrupt 1 Timer/Counter 1 SIU An interrupt process routine cannot be interrupted by an interrupt of lesser or equal priority (see Table 29). Table 29. Interrupt Priority Register 7 6 5 4 3 2 1 0 – – – PS PT1 PX1 PT0 PX0 Bit [7]—(IP.7) Bit [6]—(IP.6) Bit [5]—(IP.5) Bit [4]—PS → (IP.4) SIU interrupt priority bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |