Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLAMPMCE Datasheet(PDF) 10 Page - Cree, Inc

Part # XLAMPMCE
Description  Product family data sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XLAMPMCE Datasheet(HTML) 10 Page - Cree, Inc

Back Button XLAMPMCE Datasheet HTML 6Page - Cree, Inc XLAMPMCE Datasheet HTML 7Page - Cree, Inc XLAMPMCE Datasheet HTML 8Page - Cree, Inc XLAMPMCE Datasheet HTML 9Page - Cree, Inc XLAMPMCE Datasheet HTML 10Page - Cree, Inc XLAMPMCE Datasheet HTML 11Page - Cree, Inc XLAMPMCE Datasheet HTML 12Page - Cree, Inc XLAMPMCE Datasheet HTML 13Page - Cree, Inc XLAMPMCE Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
10
xlamp mC-e leds
notes
lumen maintenance Projections
Cree now uses standardized IeS Lm-80-08 and Tm-21-11 methods for collecting long-term data and extrapolating LeD
lumen maintenance. For information on the specific LM-80 data sets available for this LED, refer to the public LM-80
results document at www.cree.com/xlamp_app_notes/Lm80_results.
moisture sensitivity
XLamp mC-e LeDs are shipped in sealed, moisture-barrier
bags (mBB) designed for long shelf life. If XLamp mC-e LeDs
are exposed to moist environments after opening the mBB
packaging but before soldering, damage to the LeD may
occur during the soldering operation. The derating table
at right defines the maximum exposure time (in days) for
an XLamp mC-e LeD in the listed humidity and temperature conditions. LeDs with exposure time longer than the time
specified below must be baked according to the baking conditions listed here.
Cree recommends keeping XLamp LeDs in their sealed moisture-barrier packaging until immediately prior to use. Cree
also recommends returning any unused LeDs to the resealable moisture-barrier bag and closing the bag immediately
after use.
baking conditions
It is not necessary to bake all XLamp mC-e LeDs. only the LeDs that meet all of the following criteria must be baked:
•
LeDs that have been removed from the original mBB packaging.
•
LeDs that have been exposed to a humid environment longer than listed in the moisture Sensitivity section above.
•
LeDs that have not been soldered.
LeDs should be baked at 80 ºC for 24 hours. LeDs may be baked on the original reels. Remove LeDs from mBB packaging
before baking. Do not bake parts at temperatures higher than 80 ºC. This baking operation resets the exposure time as
defined in the Moisture Sensitivity section above.
storage conditions
XLamp mC-e LeDs that have been removed from original mBB packaging but not soldered yet should be stored in a
room or cabinet that will maintain an atmosphere of 25 ± 5 ºC and no greater than 10% RH. For LeDs stored in these
conditions, storage time does not add to exposure time as defined in the above Moisture Sensitivity section.
rohs compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to
as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eU
Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can be obtained
from your Cree representative or from the product ecology section of www.cree.com.
temperature
maximum Percent relative humidity
30%
40%
50%
60%
70%
80%
90%
30 ºC
9
5
4
3
1
1
1
25 ºC
12
7
5
4
2
1
1
20 ºC
17
9
7
6
2
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com