Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLAMPMCE Datasheet(PDF) 3 Page - Cree, Inc

Part # XLAMPMCE
Description  Product family data sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XLAMPMCE Datasheet(HTML) 3 Page - Cree, Inc

  XLAMPMCE Datasheet HTML 1Page - Cree, Inc XLAMPMCE Datasheet HTML 2Page - Cree, Inc XLAMPMCE Datasheet HTML 3Page - Cree, Inc XLAMPMCE Datasheet HTML 4Page - Cree, Inc XLAMPMCE Datasheet HTML 5Page - Cree, Inc XLAMPMCE Datasheet HTML 6Page - Cree, Inc XLAMPMCE Datasheet HTML 7Page - Cree, Inc XLAMPMCE Datasheet HTML 8Page - Cree, Inc XLAMPMCE Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
3
xlamp mC-e leds
fluX characteristics - White, dynamic White, color (t
J = 25 °c)
The following tables provide several base order codes for XLamp mC-e. It is important to note that the base order codes
listed here are a subset of the total available order codes for the product family. For more order codes, as well as a
complete description of the order-code nomenclature, please consult the XLamp mC-e Binning and Labeling document.
Part
color
cct / dominant Wavelength
range
base order codes
min. luminous flux
@ 350 ma*
order code
min.
max.
group
flux (lm)
White
Cool white
5000 K
10,000 K
K
370
mCe4wT-A2-0000-000K01
m
430
mCe4wT-A2-0000-000m01
Neutral white
3700 K
5000 K
J
320
MCE4WT-A2-0000-000JE4
K
370
mCe4wT-A2-0000-000Ke4
warm white
2600 K
3700 K
G
240
mCe4wT-A2-0000-000Ge7
H
280
mCe4wT-A2-0000-000He7
J
320
MCE4WT-A2-0000-000JE7
dynamic White
2 cool-white die
6500 K
K
100
mCeDwT-A1-0000-0000A1001
2 warm-white die
2700 K
G
70
2 cool-white die
6000 K
K
100
mCeDwT-A1-0000-0000A1002
2 warm-white die
2700 K
G
70
color
Red
620 nm
630 nm
A5
30.6
mCe4CT-A2-0000-00A5AAAA1
Green
520 nm
535 nm
67.2
Blue
450 nm
465 nm
8.2
Cool white
5700 K
7000 K
100
Red
620 nm
630 nm
A4
30.6
mCe4CT-A2-0000-00A4AAAB1
Green
520 nm
535 nm
67.2
Blue
450 nm
465 nm
8.2
Neutral white
3700 K
4300 K
80
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements, ±2 on CRI measurements and ± 1 nm on dominant wavelength measurements.
•
Typical CRI for cool white and neutral white (3700 K - 10,000 K CCT) is 75.
•
Typical CRI for warm white (2600 K - 3700 K CCT) is 80.
•
Flux and chromaticity are measured with each LED die connected to independent drive circuits at 350 mA. The flux
and chromaticity of XLamp MC-E White are measured with all LEDs lit simultaneously. The flux and color of each LED
in XLamp mC-e Dynamic white and mC-e Color are measured individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com