Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLAMPMCE Datasheet(PDF) 4 Page - Cree, Inc

Part # XLAMPMCE
Description  Product family data sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XLAMPMCE Datasheet(HTML) 4 Page - Cree, Inc

  XLAMPMCE Datasheet HTML 1Page - Cree, Inc XLAMPMCE Datasheet HTML 2Page - Cree, Inc XLAMPMCE Datasheet HTML 3Page - Cree, Inc XLAMPMCE Datasheet HTML 4Page - Cree, Inc XLAMPMCE Datasheet HTML 5Page - Cree, Inc XLAMPMCE Datasheet HTML 6Page - Cree, Inc XLAMPMCE Datasheet HTML 7Page - Cree, Inc XLAMPMCE Datasheet HTML 8Page - Cree, Inc XLAMPMCE Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
4
xlamp mC-e leds
fluX characteristics - easyWhite mc-e leds (t
J = 25 °c)
The following table provides order codes for XLamp mC-e easywhite LeDs. For a complete description of the order-code
nomenclature, please consult the XLamp mC-e Binning and Labeling document.
color
cct
range
base order codes
min. luminous flux
@ 350 ma, 25 ° C
2-step order code
4-step order code
group
flux (lm)
chromaticity
region
chromaticity
region
Standard
CRI
easywhite
4000 K
K
370
40H
mCeeZw-A1-0000-0000K040H
40F
mCeeZw-A1-0000-0000K040F
J
320
MCEEZW-A1-0000-0000J040H
MCEEZW-A1-0000-0000J040F
3500 K
J
320
35H
MCEEZW-A1-0000-0000J035H
35F
MCEEZW-A1-0000-0000J035F
H
280
mCeeZw-A1-0000-0000H035H
mCeeZw-A1-0000-0000H035F
3000 K
J
320
30H
MCEEZW-A1-0000-0000J030H
30F
MCEEZW-A1-0000-0000J030F
H
280
mCeeZw-A1-0000-0000H030H
mCeeZw-A1-0000-0000H030F
2700 K
J
320
27H
MCEEZW-A1-0000-0000J027H
27F
MCEEZW-A1-0000-0000J027F
H
280
mCeeZw-A1-0000-0000H027H
mCeeZw-A1-0000-0000H027F
80-CRI
minimum
easywhite
4000 K
K
370
40H
mCeeZw-H1-0000-0000K040H
40F
mCeeZw-H1-0000-0000K040F
J
320
MCEEZW-H1-0000-0000J040H
MCEEZW-H1-0000-0000J040F
3500 K
J
320
35H
MCEEZW-H1-0000-0000J035H
35F
MCEEZW-H1-0000-0000J035F
H
280
mCeeZw-H1-0000-0000H035H
mCeeZw-H1-0000-0000H035F
3000 K
J
320
30H
MCEEZW-H1-0000-0000J030H
30F
MCEEZW-H1-0000-0000J030F
H
280
mCeeZw-H1-0000-0000H030H
mCeeZw-H1-0000-0000H030F
2700 K
J
320
27H
MCEEZW-H1-0000-0000J027H
27F
MCEEZW-H1-0000-0000J027F
H
280
mCeeZw-H1-0000-0000H027H
mCeeZw-H1-0000-0000H027F
85-CRI
minimum
easywhite
3000 K
H
280
30H
mCeeZw-p1-0000-0000H030H
30F
mCeeZw-p1-0000-0000H030F
G
240
mCeeZw-p1-0000-0000G030H
mCeeZw-p1-0000-0000G030F
2700 K
H
280
27H
mCeeZw-p1-0000-0000H027H
27F
mCeeZw-p1-0000-0000H027F
G
240
mCeeZw-p1-0000-0000G027H
mCeeZw-p1-0000-0000G027F
Notes:
•
For Standard CRI parts, the typical CRI is 80 for 4000 and 3500 K CCT parts and typical CRI is 82 for 3000 and
2700 K CCT.
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and ±2 on CRI measurements.
•
Flux and chromaticity are measured with each LeD die connected to independent drive circuits at 350 mA and with
all LeDs lit simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com