Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAPR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 38Page - Texas Instruments AMC7812SPAPR Datasheet HTML 39Page - Texas Instruments AMC7812SPAPR Datasheet HTML 40Page - Texas Instruments AMC7812SPAPR Datasheet HTML 41Page - Texas Instruments AMC7812SPAPR Datasheet HTML 42Page - Texas Instruments AMC7812SPAPR Datasheet HTML 43Page - Texas Instruments AMC7812SPAPR Datasheet HTML 44Page - Texas Instruments AMC7812SPAPR Datasheet HTML 45Page - Texas Instruments AMC7812SPAPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
Synchronous Load, Asynchronous Load, and Output Updating
The SLDA-n (synchronous load) bit of the DAC Configuration Register determines the DAC updating mode, as
shown in Table 5. When SLDA-n is cleared to '0', asynchronous mode is active, the DAC Latch updates
immediately after writing to the DAC-n-Data Register, and the output of DAC-n changes accordingly.
Table 5. DAC-n Output Update Summary for Manual Mode Update
SLDA-n BIT
WRITING TO ILDAC BIT
OPERATION
Update DAC-n individually. The DAC-n Latch and DAC-n output are immediately
0
Don't care
updated after writing to the DAC-n-Data Register.
Simultaneously update all DACs by internal trigger. Writing '1' to the ILDAC bit
1
1
generates an internal load DAC trigger signal that updates the DAC-n Latches and
DAC-n outputs with the contents of the corresponding DAC-n-Data Register.
When the SLDA-n bit is set to '1', synchronous mode is selected. The value of the DAC-n-Data Register is
transferred to the DAC-n Latch only after an active DAC synchronous loading signal (ILDAC) occurs, which
immediately updates the DAC-n output. Under synchronous loading operation, writing data into a DAC-n-Data
Register changes only the value in that register, but not the content of DAC-n Latch nor the output of DAC-n,
until the synchronous load signal occurs.
The DAC synchronous load is triggered by writing '1' to the ILDAC bit in AMC Configuration Register 0. When
this DAC synchronous load signal occurs, all DACs with the SLDA-n bit set to '1' are simultaneously updated with
the value of the corresponding DAC-n-Data Register. By setting the SLDA-n bit properly, several DACs can be
updated at the same time. For example, to update DAC0 and DAC1 synchronously, set bits SLDA-0 and SLDA-1
to '1' first, and then write the proper values into the DAC-0 and DAC-1-Data Registers, respectively. After this
presetting, set the ILDAC bit = '1' to simultaneously load DAC0 and DAC1. The outputs of DAC0 and DAC1
change at the same time.
The AMC7812 updates the DAC Latch only if it has been accessed since the last time ILDAC was issued,
thereby eliminating any unnecessary glitch. Any DAC channels that have not been accessed are not reloaded
again. When the DAC Latch is updated, the corresponding output changes to the new level immediately.
NOTE
When DACs are cleared by an external DAC-CLR-n or by the internal CLR bit, the DAC
Latch is loaded with the predefined value of the DAC-n-CLR-Setting Register and the
output is set to the corresponding level immediately, regardless of the SLDA-n bit value.
However, the DAC Data Register does not change.
42
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com