Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7812SPAPR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR Datasheet(HTML) 78 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 74Page - Texas Instruments AMC7812SPAPR Datasheet HTML 75Page - Texas Instruments AMC7812SPAPR Datasheet HTML 76Page - Texas Instruments AMC7812SPAPR Datasheet HTML 77Page - Texas Instruments AMC7812SPAPR Datasheet HTML 78Page - Texas Instruments AMC7812SPAPR Datasheet HTML 79Page - Texas Instruments AMC7812SPAPR Datasheet HTML 80Page - Texas Instruments AMC7812SPAPR Datasheet HTML 81Page - Texas Instruments AMC7812SPAPR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
HYSTERESIS REGISTERS
The hysteresis registers define the hysteresis in the alarm detection of an individual alarm.
Hysteresis Register 0 (Read/Write, Address = 68h, Default = 0810h, 8 LSB)
This register contains the hysteresis values for CH0 and CH1.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CH0-
CH0-
CH0-
CH0-
CH0-
CH0-
CH0-
CH1-
CH1-
CH1-
CH1-
CH1-
CH1-
CH1-
0
0
HYS-6
HYS-5
HYS-4
HYS-3
HYS-2
HYS-1
HYS-0
HYS-6
HYS-5
HYS-4
HYS-3
HYS-2
HYS-1
HYS-0
Bits[14:8]
CH0-HYS-n: Hysteresis of CH0, 1 LSB per step.
Bits[7:1]
CH1-HYS-n: Hysteresis of CH1, 1 LSB per step.
Hysteresis Register 1 (Read/Write, Address = 69h, Default = 0810h, 8 LSB)
This register contains the hysteresis values for CH2 and CH3.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CH2-
CH2-
CH2-
CH2-
CH2-
CH2-
CH2-
CH3-
CH3-
CH3-
CH3-
CH3-
CH3-
CH3-
0
0
HYS-6
HYS-5
HYS-4
HYS-3
HYS-2
HYS-1
HYS-0
HYS-6
HYS-5
HYS-4
HYS-3
HYS-2
HYS-1
HYS-0
Bits[14:8]
CH2-HYS-n: Hysteresis of CH2, 1 LSB per step.
Bits[7:1]
CH3-HYS-n: Hysteresis of CH3, 1 LSB per step.
Hysteresis Register 2 (Read/Write, Address = 6Ah, Default = 2108h, 8°C)
This register contains the hysteresis values for D2, D1, and LT. The range is 0°C to +31°C.
MSB
LSB
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
D2-
D2-
D2-
D2-
D2-
D1-
D1-
D1-
D1-
D1-
LT-
LT-
LT-
LT-
LT-
0
HYS-7
HYS-6
HYS-5
HYS-4
HYS-3
HYS-7
HYS-6
HYS-5
HYS-4
HYS-3
HYS-7
HYS-6
HYS-5
HYS-4
HYS-3
Bits[14:10]
D2-HYS-n: Hysteresis of D2, 1°C per step. Note that bits D2-HYS-[2:0] are always '0'.
Bits[9:5]
D1-HYS-n: Hysteresis of D1, 1°C per step. Note that bits D1-HYS-[2:0] are always '0'.
Bits[4:0]
LT-HYS-n: Hysteresis of LT, 1°C per step. Note that bits LT-HYS-[2:0] are always '0'.
78
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com