Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2510F8RHHT Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # CC2510F8RHHT
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2510F8RHHT Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC2510F8RHHT Datasheet HTML 77Page - Texas Instruments CC2510F8RHHT Datasheet HTML 78Page - Texas Instruments CC2510F8RHHT Datasheet HTML 79Page - Texas Instruments CC2510F8RHHT Datasheet HTML 80Page - Texas Instruments CC2510F8RHHT Datasheet HTML 81Page - Texas Instruments CC2510F8RHHT Datasheet HTML 82Page - Texas Instruments CC2510F8RHHT Datasheet HTML 83Page - Texas Instruments CC2510F8RHHT Datasheet HTML 84Page - Texas Instruments CC2510F8RHHT Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 81 of 236
The cause of the last reset can read from the
register bits SLEEP.RST. It should be noted
that a BOD reset will be read as a POR reset.
0
UNREGULATED
1.8V REGULATED
POR RESET ASSERT FALLING VDD
BOD RESET ASSERT
POR RESET DEASSERT RISING VDD
VOLT
POR OUTPUT
BOD RESET
POR RESET
X
X
X
X
X
X
Figure 19: Power-On-Reset and Brown Out Detector Operation
12.3 Flash Controller
The
CC2510Fx/CC2511Fx contains 8, 16 or 32 KB
flash memory for storage of program code.
The flash memory is programmable from the
user software and through the debug interface.
See Table 27 on Page 31 for flash memory
size options.
The Flash Controller handles writing to the
embedded flash memory and erasing of the
same memory. The embedded flash memory
consists of 8, 16, or 32 pages (each page is
1024 bytes) depending on the total flash size.
The
Flash
Controller
has
the
following
features:
• 16-bit word programmable
• Page erase
• Lock bits for write-protection and code
security
• Flash page erase time: 20 ms
• Flash chip erase time: 200 ms
• Flash write time (2 bytes): 20 µs
• Auto power-down during low-frequency
CPU clock read access (divided clock
source, CLKCON.CLKSPD)
12.3.1
Flash Memory Organization
The flash memory is divided into 8, 16, or 32
flash pages consisting of 1 KB each. A flash
page is the smallest erasable unit in the
memory, while a 16-bit word is the smallest
writable unit that may be addressed through
the Flash Controller.
When performing write operations, the flash
memory is word-addressable using a 14-bit
address
written
to
the
address
registers
FADDRH:FADDRL
.
When performing page erase operations, the
flash memory page to be erased is addressed
through the register bits FADDRH[5:1].
Note the difference in addressing the flash
memory; when accessed by the CPU to read
code or data, the flash memory is byte-
addressable. When accessed by the Flash
Controller,
the
flash
memory
is
word-
addressable, where a word consists of 16 bits.
The next sections describe the procedures for
flash write and flash page erase in detail.
12.3.2
Flash Write
Data is written to the flash memory by using a
program command initiated by writing a 1 to
FCTL.WRITE.
Flash write operations can
program any number of words in the flash
memory, single words or block of words in
sequence starting at the address set by
FADDRH:FADDRL
. A bit in a word can be
changed from 1 to 0, but not from 0 - 1 (writing
a 1 to a bit that is 0 will be ignored). The only
way to change a 0 to a 1 is by doing a page
erase
or
chip
erase
through
the
debug
interface, as the erased bits are set to 1.
A write operation is performed using one out of
two methods;
• Through DMA transfer
• Through CPU SFR access
CC2511F8 - Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com