Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2510F8RHHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2510F8RHHT
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2510F8RHHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2510F8RHHT Datasheet HTML 17Page - Texas Instruments CC2510F8RHHT Datasheet HTML 18Page - Texas Instruments CC2510F8RHHT Datasheet HTML 19Page - Texas Instruments CC2510F8RHHT Datasheet HTML 20Page - Texas Instruments CC2510F8RHHT Datasheet HTML 21Page - Texas Instruments CC2510F8RHHT Datasheet HTML 22Page - Texas Instruments CC2510F8RHHT Datasheet HTML 23Page - Texas Instruments CC2510F8RHHT Datasheet HTML 24Page - Texas Instruments CC2510F8RHHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 21 of 236
Parameter
Min
Typ
Max
Unit
Condition/Note
SINAD
5
35.4
dB
7-bits setting
Single ended input
46.8
9-bits setting
(
−THD+N)
57.5
10-bits setting
66.6
12-bits setting
SINAD
5
40.7
dB
7-bits setting
Differential input
51.6
9-bits setting
(−THD+N)
61.8
10-bits setting
70.8
12-bits setting
Conversion time
20
µs
7-bits setting
36
9-bits setting
68
10-bits setting
132
12-bits setting
Current consumption
1.2
mA
Table 18: 7 - 12 bit ADC Characteristics
CC2511F8 - Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com