Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2510F8RHHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2510F8RHHT
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2510F8RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2510F8RHHT Datasheet HTML 9Page - Texas Instruments CC2510F8RHHT Datasheet HTML 10Page - Texas Instruments CC2510F8RHHT Datasheet HTML 11Page - Texas Instruments CC2510F8RHHT Datasheet HTML 12Page - Texas Instruments CC2510F8RHHT Datasheet HTML 13Page - Texas Instruments CC2510F8RHHT Datasheet HTML 14Page - Texas Instruments CC2510F8RHHT Datasheet HTML 15Page - Texas Instruments CC2510F8RHHT Datasheet HTML 16Page - Texas Instruments CC2510F8RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 13 of 236
6.2
RF Receive Section
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC2510EM reference design ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel
filter bandwidth
58
812
kHz
User programmable (see Section 13.6). The bandwidth limits are
proportional to crystal frequency (given values assume a 26.0 MHz
crystal).
2.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 203 kHz digital channel filter bandwidth)
Receiver
sensitivity
−103
dBm
The RX current consumption can be reduced by approximately 2.4 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−101 dBm.
The sensitivity
can be improved to typically −105 dBm with
MDMCFG2.DEM_DCFILT_OFF=0
by changing registers TEST2 and
TEST1
(see Page 222). The temperature range is then from 0
oC to 85oC.
Saturation
−10
dBm
Adjacent
channel
rejection
23
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz channel
spacing
Alternate
channel
rejection
32
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz channel
spacing
See Figure 55 for plot of selectivity versus frequency offset
Blocking
±10 MHz offset
±20 MHz offset
±50 MHz offset
64
70
71
dB
dB
dB
Wanted signal 3 dB above sensitivity level.
Compliant with ETSI EN 300 440 class 2 receiver requirements.
10 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 232 kHz digital channel filter bandwidth)
Receiver
sensitivity
−98
dBm
The RX current consumption can be reduced by approximately 2.2 mA
by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical sensitivity is then
−97 dBm.
The sensitivity can be imp
roved to typically −100 dBm with
MDMCFG2.DEM_DCFILT_OFF=0
by changing registers TEST2 and
TEST1
(see Page 222). The temperature range is then from 0
oC to 85oC.
Saturation
−9
dBm
Adjacent
channel
rejection
19
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz channel
spacing
Alternate
channel
rejection
25
dB
Desired channel 3 dB above the sensitivity limit. 250 kHz channel
spacing
See Figure 56 for plot of selectivity versus frequency offset
Blocking
±10 MHz offset
±20 MHz offset
±50 MHz offset
59
65
66
dB
dB
dB
Wanted signal 3 dB above sensitivity level.
Compliant with ETSI EN 300 440 class 2 receiver requirements.
CC2511F8 - Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com