Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175196-2 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
42
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
Bezeichnung
Description
0-1110952-1
0-1110952-2
0-1110952-3
0-1110952-5
0-1110952-7
0-1110952-9
1-1110952-0
0-1110948-1
0-1110949-1
0-1110953-5
0-1110953-6
0-1110953-7
0-1110953-8
0-1110953-9
1-1110953-1
1-1105653-8
2-1105653-8
3-1105653-8
4-1105653-8
5-1105653-8
6-1105653-8
7-1105653-8
8-1105653-8
0-1110956-1
0-1110956-7
0-1110956-6
0-1110956-5
0-1110956-4
0-1110956-3
0-1110956-2
Bestell-Nr.
Order No.
Bestelltext
Designation
Crimphülsen max. 150 A/Crimping sleeves max. 150 A
Crimphülsen für Stift-/Buchsenseite
- Schrumpfschlauch
- Crimphülse
Crimp barrel for pin-/socket side
- shrink tube
- crimp barrel
Crimphülsen für Kontaktserie HF-06/Crimping sleeves for contact series HF-06
Crimphülsen max. 350 A/Crimping sleeves max. 350 A
Crimphülsen für Kontaktserie HF-13/Crimping sleeves for contact series HF-13
Crimphülsen für Stift-/Buchsenseite
bestehend aus
- Schrumpfschlauch
- Crimphülse
- Adapter
Crimp barrel for pin-/socket side
- shrink tube
- crimp barrel
- adapter
Passendes Verarbeitungswerkzeug/suitable tools
Crimpbacken für HSL, HSS
Crimping jaws for HSL, HSS
Presseinsätze
dies
Crimpzange ohne Crimpbacken
Crimping tool without crimping jaws
Hydraulische Crimpzange
Hydraulic Crimping tool
CH.06mm2-SW17
CH.10mm2-SW17
CH.16mm2-SW17
CH.25mm2-SW17
CH.35mm2-SW17
CH.50mm2-SW17
CH.70mm2-SW17
HF.06.Sti.
HF.06.Bu.
CH.50mm2-13/16mm
CH.70mm2-13/16mm
CH.95mm2-13/16mm
CH.105mm2-13/16mm
CH.120mm2-13/16mm
CH.150mm2-13/16mm
HSS-CSZ.2,5-70mm2
CB-HSS-CSZ.6mm2
CB-HSS-CSZ.10mm2
CB-HSS-CSZ.16mm2
CB-HSS-CSZ.25mm2
CB-HSS-CSZ.35mm2
CB-HSS-CSZ.50mm2
CB-HSS-CSZ.70mm2
CZ-HF.60.M
SET-50-150mm2
150mm2-KZ22
120mm2-KZ20
95mm2-KZ18
70mm2-KZ16
50mm2-KZ14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com