Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175196-2 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 53Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 54Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 55Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 56Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 57Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 58Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 59Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 60Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
55
Bezeichnung
Description
0-1103095-1
0-1103070-1
X-1103092-X
0-1108808-1
0-1103096-1
0-1103071-1
0-1103091-1
HG-Q.4/2.Sti.C
HG-Q.4/2.Bu.C
HG-Q.8.Sti.C
HG-Q.8.Bu.C
HG-Q.10 Housings
HG-Q.10 Sti.C
HG-Q.10.Bu.C
Bestell-Nr./Order No.
Stifteinsatz
Buchseneinsatz
Male insert
Female insert
Bestelltext
Designation
HG-Q Kontakteinsätze/Contact inserts
Baugröße/Size Q
Kontaktzahlen
No. of contacts
10 x 400 V/20A
10
Stifteinsatz/Male insert
Buchseneinsatz/Female insert
Crimpanschluss/Crimp terminal
Crimpanschluss/Crimp terminal
Crimpanschluss/Crimp terminal
Passende Crimpakontakte siehe Seite 37/Suitable Crimp contacts see page 37
Passende Crimpakontakte siehe Seite 36/Suitable Crimp contacts see page 36
Passende Crimpakontakte Power siehe Seite 39, passende Crimpakontakte Signal siehe Seite 34
Suitable Crimp contacts power see page 39, suitable Crimp contacts signal see page 39
4/2 +
8 +
8 x 500 V/16A
4 x 690 V/40A & 2 x 250 V/10A
Kontaktanordnung Anschlußseite Stift/Contact arrangement Male insert
Kontaktanordnung Anschlußseite Buchse/Contact arrangement Female insert
PN
0-1103095-1
1
2
3
4
Kontaktanordnung
Anschlussseite
12
11
1
2
3
4
12
11
45
42
26
22
44,8
PN
0-1103095-1
1
2
3
4
Kontaktanordnung
Anschlussseite
12
11
1
2
3
4
12
11
45
42
26
22
44,8
HE-Q.4/2
1103070
Contact arrangement
view from termin
ation sid
e
1
2
3
4
5
6
7
8
3
2
1
5
4
8
7
6
41,5
21,4
32,2
1103070
Contact arrangement
view from termin
ation sid
e
1
2
3
4
5
6
7
8
3
2
1
5
4
8
7
6
41,5
21,4
32,2
HE-Q.8
Termination
side
Connecting
side
1
2
3
9
8
0-1108808-1
10
45
1
2
3
4
5
6
7
8
910
1
2
3
4
5
6
7
8
910
Termination
side
Connecting
side
1
2
3
9
8
0-1108808-1
10
45
1
2
3
4
5
6
7
8
910
1
2
3
4
5
6
7
8
910
HE-Q.10
siehe auch Seite 58
see also page 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com