Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD625SE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AD625SE
Description  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD625SE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AD625SE Datasheet HTML 1Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 2Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
4
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/
-55
°C ≤ T
A ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Gain error 1
GE1
G = 1
1
01
±0.05
%
Gain error 10
GE10
G = 10 2/ 3/
1
01
±0.05
%
Gain error 100
GE100
G = 100 2/ 3/
1
01
±0.05
%
Gain error 1000
GE1000
G = 1000 2/ 3/
1
01
±0.05
%
Gain error drift 1
TCGE1
G = 1 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 10
TCGE10
G = 10 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 100
TCGE100
G = 100 2/ 3/
1
01
±5
ppm/
°C
Gain error drift 1000
TCGE1000
G = 1000 2/ 3/
1
01
±5
ppm/
°C
Input offset voltage
VOS
VIN = 0
1
01
±200
µV
Input offset voltage drift
TCVOS
VIN = 0
2, 3
01
±2
µV/°C
Output offset voltage
VOSO
VIN = 0
1
01
±5
mV
Output offset voltage
drift
TCVOSO
VIN = 0
2, 3
01
±50
µV/°C
Input bias current
IB
G = 1
1
01
±50
nA
Input offset current
IOS
IOS = (IB+) – (IB-)
1
01
±20
nA
Common mode rejection
CMRR
G = 1
1
01
70
dB
Common mode rejection
-CMRR
G = 1
1
01
70
dB
Common mode rejection
CMRR
G = 10 2/
1
01
90
dB
Common mode rejection
-CMRR
G = 10 2/
1
01
90
dB
Common mode rejection
CMRR
G = 100 2/
1
01
100
dB
Common mode rejection
-CMRR
G = 100 2/
1
01
100
dB
Common mode rejection
CMRR
G = 1000
1
01
110
dB
Common mode rejection
-CMRR
G = 1000
1
01
110
dB
Power supply current
ICC
G = 1
1
01
5
mA
Power supply rejection
PSRR
G = 1
1
01
70
dB
See footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com