Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD625SE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AD625SE
Description  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD625SE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AD625SE Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 9Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 10Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
9
DSCC FORM 2234
APR 97
4. VERIFICATION
4.1 Sampling and inspection. Sampling and inspection procedures shall be in accordance with MIL-PRF-38535,
appendix A.
4.2 Screening. Screening shall be in accordance with method 5004 of MIL-STD-883, and shall be conducted on all devices
prior to quality conformance inspection. The following additional criteria shall apply:
a. Burn-in test, method 1015 of MIL-STD-883.
(1) Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision level
control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify
the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method
1015 of MIL-STD-883.
(2) TA = +125°C, minimum.
b.
Interim and final electrical test parameters shall be as specified in table II herein, except interim electrical parameter
tests prior to burn-in are optional at the discretion of the manufacturer.
TABLE II. Electrical test requirements.
MIL-STD-883 test requirements
Subgroups
(in accordance with
MIL-STD-883, method 5005,
table I)
Interim electrical parameters
(method 5004)
1
Final electrical test parameters
(method 5004)
1*, 2, 3
Group A test requirements
(method 5005)
1, 2, 3
Groups C and D end-point
electrical parameters
(method 5005)
1
* PDA applies to subgroup 1.
4.3 Quality conformance inspection. Quality conformance inspection shall be in accordance with method 5005 of MIL-STD-
883 including groups A, B, C, and D inspections. The following additional criteria shall apply.
4.3.1 Group A inspection.
a.
Tests shall be as specified in table II herein.
b.
Subgroups 4, 5, 6, 7, 8, 9, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com