Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD625SE Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD625SE
Description  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD625SE Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD625SE Datasheet HTML 1Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 2Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625SE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ T
A ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Power supply rejection
PSRR
G = 10 2/
1
01
85
dB
Power supply rejection
PSRR
G = 100 2/
1
01
95
dB
Power supply rejection
PSRR
G = 1000
1
01
100
dB
1/
VS = ±15 V, RL = 2 kΩ, unless otherwise specified.
2/
Guaranteed if not tested to the limits specified.
3/
Gain error is a function of external resistors.
3.6 Certificate of compliance. A certificate of compliance shall be required from a manufacturer in order to be listed as an
approved source of supply in MIL-HDBK-103 (see 6.6 herein). The certificate of compliance submitted to DLA Land and
Maritime -VA prior to listing as an approved source of supply shall affirm that the manufacturer's product meets the
requirements of MIL-PRF-38535, appendix A and the requirements herein.
3.7 Certificate of conformance. A certificate of conformance as required in MIL-PRF-38535, appendix A shall be provided
with each lot of microcircuits delivered to this drawing.
3.8 Notification of change. Notification of change to DLA Land and Maritime -VA shall be required for any change that
affects this drawing.
3.9 Verification and review. DLA Land and Maritime, DLA Land and Maritime’s agent, and the acquiring activity retain the
option to review the manufacturer's facility and applicable required documentation. Offshore documentation shall be made
available onshore at the option of the reviewer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com