Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500-I Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS500-I
Description  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-I Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS500-I Datasheet HTML 6Page - Microchip Technology HCS500-I Datasheet HTML 7Page - Microchip Technology HCS500-I Datasheet HTML 8Page - Microchip Technology HCS500-I Datasheet HTML 9Page - Microchip Technology HCS500-I Datasheet HTML 10Page - Microchip Technology HCS500-I Datasheet HTML 11Page - Microchip Technology HCS500-I Datasheet HTML 12Page - Microchip Technology HCS500-I Datasheet HTML 13Page - Microchip Technology HCS500-I Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
HCS500
DS40153C-page 10
© 2002 Microchip Technology Inc.
4.2.3
COMMAND ACTIVATION TIMES
The command activation time (Table 4-1) is defined as
the maximum time the microcontroller has to wait for a
response from the decoder. The decoder will abort and
service the command request. The response time
depends on the state of the decoder when the Com-
mand mode is requested.
4.2.4
DECODER COMMANDS
The command byte specifies the operation required by
the controlling microcontroller. Table 4-2 lists the com-
mands.
TABLE 4-1:
COMMAND ACTIVATION TIMES
*
These parameters are characterized but not tested.
TABLE 4-2:
DECODER COMMANDS
Decoder State
Min
Max
While receiving transmissions
—
2.5 ms BPWMAX = 2.7 ms
During the validation of a received transmission
—
3 ms
During the update of the sync counters
—
40 ms
During learn
—
170 ms
Instruction
Command Byte
Operation
READ
F016
Read a byte from user EEPROM
WRITE
E116
Write a byte to user EEPROM
ACTIVATE_LRN
D216
Activate a learn sequence on the decoder
ERASE_ALL
C316
Activate an erase all function on the decoder
PROGRAM
B416
Program manufacturer’s code and configuration byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com