Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500-I Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS500-I
Description  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-I Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS500-I Datasheet HTML 12Page - Microchip Technology HCS500-I Datasheet HTML 13Page - Microchip Technology HCS500-I Datasheet HTML 14Page - Microchip Technology HCS500-I Datasheet HTML 15Page - Microchip Technology HCS500-I Datasheet HTML 16Page - Microchip Technology HCS500-I Datasheet HTML 17Page - Microchip Technology HCS500-I Datasheet HTML 18Page - Microchip Technology HCS500-I Datasheet HTML 19Page - Microchip Technology HCS500-I Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
HCS500
DS40153C-page 16
© 2002 Microchip Technology Inc.
5.2
Programming Waveform
The programming command consists of the following:
• Command Request Sequence (A to B)
• Command Byte (B to C)
• Configuration Byte (C to D)
• Manufacturer’s Code Eight Data Bytes (D to G)
• Activation and Acknowledge Sequence (G to H)
5.3
Programming Data String
A total of 80 bits are clocked into the decoder. The 8-bit
command byte is clocked in first, followed by the 8-bit
configuration byte and the 64-bit manufacturer’s code.
The data must be clocked in Least Significant Bit (LSB)
first. The decoder will then encrypt the manufacturer’s
code using the decoder’s unique 64-bit EEPROM crypt
key. After completion of the programming EEPROM,
the decoder will acknowledge by taking the data line
high (G to H). If the data line goes high within 30 ms
after the clock goes high, programming also fails.
FIGURE 5-1:
PROGRAMMING WAVEFORM
DECODER
MSB
MSB
A
Command Byte
Start Command
TCLKL
TCLKH
TPP1
TDS
BC
LSB
TPP3
TPP2
TCMD
D
LSB
LSB
Configuration Byte
CLK
µC DATA
MSB
TDATA
G
Most Significant Byte
H
TACK
TWT2
TAW
Acknowledge
MSB
E
Least Significant Byte
F
TDATA
TADDR
TPP4
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com