Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500-I Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS500-I
Description  KEELOQ Code Hopping Decoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500-I Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS500-I Datasheet HTML 8Page - Microchip Technology HCS500-I Datasheet HTML 9Page - Microchip Technology HCS500-I Datasheet HTML 10Page - Microchip Technology HCS500-I Datasheet HTML 11Page - Microchip Technology HCS500-I Datasheet HTML 12Page - Microchip Technology HCS500-I Datasheet HTML 13Page - Microchip Technology HCS500-I Datasheet HTML 14Page - Microchip Technology HCS500-I Datasheet HTML 15Page - Microchip Technology HCS500-I Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
HCS500
DS40153C-page 12
© 2002 Microchip Technology Inc.
4.2.7
ACTIVATE LEARN
The activate learn command (Figure 4-6) is used to
activate a transmitter learning sequence on the
decoder. The command consists of a Command mode
activation sequence, a command byte, and two dummy
bytes. The decoder will respond by taking the data line
high to acknowledge that the command was valid and
that learn is active.
Upon reception of the first transmission, the decoder
will respond with a learn status message (Figure 4-7).
During learn, the decoder will acknowledge the recep-
tion of the first transmission by taking the data line high
for 60 ms. The controlling microcontroller can clock out
at most eight bits, which will all be zeros. All of the bits
of the status byte are zero, and this is used to distin-
guish between a learn time-out status string and the
first transmission received string. The controlling micro-
controller must ensure that the clock line does not go
high 60 ms after the falling edge of the data line, for this
will terminate learn.
Upon reception of the second transmission, the
decoder will respond with a learn status message
(Figure 4-8).
The learn status message after the second transmis-
sion consists of the following:
• 1 START bit.
• The function code [S3:S0] of the message is zero,
indicating that this is a status string.
• The RESULT bit indicates the result of the learn
sequence. The RESULT bit is set if successful
and cleared otherwise.
• The OVR bit will indicate whether an exiting trans-
mitter is over written. The OVR bit will be set if an
existing transmitter is learned over.
• The [CNT3…CNT0] bits will indicate the number
of transmitters learned on the decoder.
• The [TX3…TX0] bits indicate the block number
used during the learning of the transmitter.
FIGURE 4-6:
LEARN MODE ACTIVATION
FIGURE 4-7:
LEARN STATUS MESSAGE AFTER FIRST TRANSMISSION
FIGURE 4-8:
LEARN STATUS MESSAGE AFTER SECOND TRANSMISSION
Decoder
MSB
A
Command Byte
Start Command
BC
LSB
D
TLRN
E
Dummy Byte
Dummy Byte
CLK
µC DATA
F
Acknowledge
MSB
LSB
MSB
LSB
TACK
TRESP
TACK2
DATA
Command Request
TCLKL
TCLKH
TCA
TDS
AB
TCLL
TDHI
TCLA
TCLH
CLK
Decoder
0
0
0
0
0
0
0
0
Status Byte
C
Data
Communications Request
TCLKL
TCLKH
TCA
TDS
A
B
Cii
TCLL
TDHI
TCLA
TCLH
CLK
Decoder
TX0
TX3
RX63
OVR RSLT
0
0
0
0
CNT0
CNT3
0
RX0
RX1
RX62
1
Ci
Learn Status Bits
Decoded Tx
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com