Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5704PAPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5704PAPR
Description  20-W Stereo Digital Audio Power Amplifier With Feedback
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5704PAPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5704PAPR Datasheet HTML 7Page - Texas Instruments TAS5704PAPR Datasheet HTML 8Page - Texas Instruments TAS5704PAPR Datasheet HTML 9Page - Texas Instruments TAS5704PAPR Datasheet HTML 10Page - Texas Instruments TAS5704PAPR Datasheet HTML 11Page - Texas Instruments TAS5704PAPR Datasheet HTML 12Page - Texas Instruments TAS5704PAPR Datasheet HTML 13Page - Texas Instruments TAS5704PAPR Datasheet HTML 14Page - Texas Instruments TAS5704PAPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
t
su
FORMATx,
CONFIG_x,
GAIN_x,
RESET
TAS5704
www.ti.com
SLOS563A – MARCH 2008 – REVISED AUGUST 2010
SERIAL AUDIO PORTS SLAVE MODE
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSCLKIN
Frequency, SCLK 32 × fS, 48 × fS, 64 × fS
CL = 30 pF
1.024
12.288
MHz
tsu1
Setup time, LRCLK to SCLK rising edge
10
ns
th1
Hold time, LRCLK from SCLK rising edge
10
ns
tsu2
Setup time, SDIN to SCLK rising edge
10
ns
th2
Hold time, SDIN from SCLK rising edge
10
ns
LRCLK frequency
32
48
192
kHz
SCLK duty cycle
40%
50%
60%
LRCLK duty cycle
40%
50%
60%
SCLK
SCLK rising edges between LRCLK rising edges
32
64
edges
t(edge)
SCLK
LRCLK clock edge with respect to the falling edge of SCLK
–1/4
1/4
period
Figure 1. Slave Mode Serial Data Interface Timing
HARDWARE SELECT PINS
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tsu
Setup time, FORMATx, CONFIG_x, GAIN_x to RESET rising edge
100
ms
Figure 2. Mode Pins Setup Time
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com