Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1454CPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1454CPWR
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TL1454CPWR Datasheet HTML 1Page - Texas Instruments TL1454CPWR Datasheet HTML 2Page - Texas Instruments TL1454CPWR Datasheet HTML 3Page - Texas Instruments TL1454CPWR Datasheet HTML 4Page - Texas Instruments TL1454CPWR Datasheet HTML 5Page - Texas Instruments TL1454CPWR Datasheet HTML 6Page - Texas Instruments TL1454CPWR Datasheet HTML 7Page - Texas Instruments TL1454CPWR Datasheet HTML 8Page - Texas Instruments TL1454CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Two Complete PWM Control Circuits
D Outputs Drive MOSFETs Directly
D Oscillator Frequency...50 kHz to 2 MHz
D 3.6-V to 20-V Supply-Voltage Range
D Low Supply Current... 3.5 mA Typ
D Adjustable Dead-Time Control, 0% to 100%
D 1.25-V Reference
description
The TL1454 is a dual-channel pulse-width-modu-
lation (PWM) control circuit, primarily intended for
low-power, dc/dc converters. Applications include
LCD displays, backlight inverters, notebook com-
puters, and other products requiring small, high-frequency, dc/dc converters. Each PWM channel has its own
error amplifier, PWM comparator, dead-time control comparator, and MOSFET driver. The voltage reference,
oscillator, undervoltage lockout, and short-circuit protection are common to both channels.
Channel 1 is configured to drive n-channel MOSFETs in step-up or flyback converters, and channel 2 is
configured to drive p-channel MOSFETs in step-down or inverting converters. The operating frequency is set
with an external resistor and an external capacitor, and dead time is continuously adjustable from 0 to 100%
duty cycle with a resistive divider network. Soft start can be implemented by adding a capacitor to the dead-time
control (DTC) network. The error-amplifier common-mode input range includes ground, which allows the
TL1454 to be used in ground-sensing battery chargers as well as voltage converters.
AVAILABLE OPTIONS
PACKAGED DEVICES†
CHIP FORM
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(N)
TSSOP
(PW)
CHIP FORM
(Y)
–20
°C to 85°C
TL1454CD
TL1454CN
TL1454CPWLE
TL1454Y
–40
°C to 85°C
TL1454ID
TL1454IN
—
—
† The D package is available taped and reeled. Add the suffix R to the device name (e.g., TL1454CDR). The
PW package is available only left-end taped and reeled (indicated by the LE suffix on the device type; e.g.,
TL1454CPWLE).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
DTC1
IN1 +
IN1 –
COMP1
GND
OUT1
D, N OR PW PACKAGE
(TOP VIEW)
REF
SCP
DTC2
IN2 +
IN2 –
COMP2
VCC
OUT2


Similar Part No. - TL1454CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454CPWLE TI-TL1454CPWLE Datasheet
390Kb / 24P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Similar Description - TL1454CPWR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL1453C TI-TL1453C Datasheet
116Kb / 7P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI-TL1454A Datasheet
409Kb / 27P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com