Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1454CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TL1454CPWR
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL1454CPWR Datasheet HTML 7Page - Texas Instruments TL1454CPWR Datasheet HTML 8Page - Texas Instruments TL1454CPWR Datasheet HTML 9Page - Texas Instruments TL1454CPWR Datasheet HTML 10Page - Texas Instruments TL1454CPWR Datasheet HTML 11Page - Texas Instruments TL1454CPWR Datasheet HTML 12Page - Texas Instruments TL1454CPWR Datasheet HTML 13Page - Texas Instruments TL1454CPWR Datasheet HTML 14Page - Texas Instruments TL1454CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics, VCC = 6 V, fosc = 500 kHz, TA = 25°C (unless otherwise noted) (continued)
dead-time control (DTC)
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
Duty cycle = 0%
1.1
V
VIT
Input threshold voltage
Duty cycle = 100%
0.5
V
VI(latched) Latched-mode input voltage
1.2
V
Latched-mode (source) current
– 100
µA
error-amplifier
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIB
Input bias current
VO = 1.25 V,
VIC = 1.25 V
– 160
nA
AV
Open-loop voltage gain
RFB = 200 kΩ
80
dB
Unity-gain bandwidth
3
MHz
CMRR
Common-mode rejection ratio
80
dB
VOM(max) Positive output voltage swing
2.43
V
VOM(min)
Negative output voltage swing
0.63
V
IO+
Output sink current
VID = – 0.1 V,
VO = 1.20 V
0.5
mA
IO–
Output source current
VID = 0.1 V,
VO = 1.80 V
–70
µA
output
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IO = – 8 mA
4.5
V
VOH
High-level output voltage
IO = – 40 mA
4.4
V
VOL
Low level output voltage
IO = 8 mA
0.1
V
VOL
Low-level output voltage
IO = 40 mA
1.8
V
trv
Output voltage rise time
CL = 2000 pF
220
ns
tfv
Output voltage fall time
CL = 2000 pF
220
ns
supply current
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(stby)
Standby supply current
RT open,
CT = 1.5 V, No load,
VO (COMP1, COMP2) = 1.25 V,
3.1
mA
ICC(average)
Average supply current
RT = 10 kΩ,
50% duty cycle,
CT = 120 pF,
Outputs open
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com