Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467CCUT6 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467CCUT6
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6467CCUT6 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM6467CCUT6 Datasheet HTML 82Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 83Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 84Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 85Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 86Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 87Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 88Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 89Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 355 page
background image
TMS320DM6467
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
www.ti.com
4.2
Power Considerations
The DM6467 provides several means of managing power consumption.
As described in the Section 7.3.4, DM6467 Power and Clock Domains, the DM6467 has one single power
domain—the “Always On” power domain. Within this power domain, the DM6467 utilizes local clock gating
via the Power and Sleep Controller (PSC) to achieve power savings. For more details on the PSC, see
Section 7.3.5, Power and Sleep Controller (PSC) and the TMS320DM646x DMSoC ARM Subsystem
Reference Guide (literature number SPRUEP9).
Some of the DM6467 peripherals support additional power saving features. For more details on power
saving
features
supported,
see
the
peripheral-specific
reference
guides
[listed/linked
in
the
TMS320DM646x DMSoC Peripherals Overview Reference Guide (literature number SPRUEQ0).
Most DM6467 3.3-V I/Os can be powered-down to reduce power consumption. The VDD3P3V_PWDN
register in the System Module (see Figure 4-1 ) is used to selectively power down unused 3.3-V I/O pins.
Note: To save power, all other I/O buffers are powered down by default. Before using these pins, the user
must program the VDD3P3V_PWDN register to power up the corresponding I/O buffers.
For a list of multiplexed pins on the device and the pin mux group each pin belongs to, see Section 4.7.3,
Pin Multiplexing Details.
Note: The VDD3P3V_PWDN register only controls the power to the I/O buffers. The Power and Sleep
Controller (PSC) determines the clock/power state of the peripheral.
31
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESERVED
USBV
CLKOUT
RSV
SPI
VLYNQ
RESERVED
GMII
MII
MCASP1
MCASP0
PCIHPI1
PCIHPI0
R-000
R/W-1
R/W-0
R-0
R/W-1
R/W-1
R-00
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
GPIO
WDTIM
TIM23
TIM01
PWM1
PWM0
UR2FC
UR2DAT
UR1FC
UR1DAT
UR0MDM
UR0DF
VPIF3
VPIF2
VPIF1
VPIF0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-1
R/W-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-1. VDD3P3V_PWDN Register [0x01C4 0048]
86
Device Configurations
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com