Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6467CCUT6 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467CCUT6
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6467CCUT6 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM6467CCUT6 Datasheet HTML 87Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 88Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 89Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 90Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 91Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 92Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 93Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 94Page - Texas Instruments TMS320DM6467CCUT6 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
4.3.2
Clock Control
This section describes the following registers: the VPIF (Video)/TSIF clock control and clock disable
registers and the Clock and Oscillator control register.
4.3.2.1
Video Clock Control Register
The Video Clock Control (VIDCLKCTL) register allows the user to select/control the clock muxing for the
video channels' (i.e., channels 1, 2, and 3) output clock source.
31
16
RESERVED
R-0000 0000 0000 0000
15
14
12
11
10
8
7
5
4
3
0
RSV
VCH3CLK
RSV
VCH2CLK
RESERVED
VCH1CLK
RESERVED
R-0
R/W-111
R-0
R/W-110
R-000
R/W-1
R-0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-2. VIDCLKCTL Register [0x01C4 0038]
Table 4-4. VIDCLKCTL Register Bit Descriptions
BIT
NAME
DESCRIPTION
31:15
RESERVED
Reserved. Read returns "0".
Video Channel 3 Clock Source.
This field selects the clock source for the Channel 3 output source clock.
000 = CRG0_VCXI (external pin)
001 = CRG1_VCXI (external pin)
010 = SYSCLK8 (PLLC1)
14:12
VCH3CLK
011 = AUXCLK (PLLC1)
100 = VP_CLKIN0 (external pin)
101 = STC_CLKIN (external pin)
110 = VP_CLKIN2 (external pin)
111 = VP_CLKIN3 (external pin)
11
RSV
Reserved. Read returns "0".
Video Channel 2 Clock Source.
This field selects the clock source for the Channel 2 output source clock.
000 = CRG0_VCXI (external pin)
001 = CRG1_VCXI (external pin)
010 = SYSCLK8 (PLLC1)
10:8
VCH2CLK
011 = AUXCLK (PLLC1)
100 = VP_CLKIN0 (external pin)
101 = STC_CLKIN (external pin)
110 = VP_CLKIN2 (external pin)
111 = Reserved
7:5
RESERVED
Reserved. Read returns "0".
Video Channel 1 Clock Source.
This bit selects the clock source for the Channel 1 input clock.
4
VCH1CLK
0 = VP_CLKIN0 (external pin)
1 = VP_CLKIN1 (external pin)
3:0
RESERVED
Reserved. Read returns "0".
Copyright © 2007–2012, Texas Instruments Incorporated
Device Configurations
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com