Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWRG4 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWRG4
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWRG4 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLC271CPWRG4 Datasheet HTML 46Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 47Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 48Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 49Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 50Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 51Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 52Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 53Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (LOW-BIAS MODE)†
Figure 86
CL = 20 pF
RL = 1 MΩ
VI(PP) = 1 V
AV = 1
See Figure 98
TA= 25°C
0
VDD – Supply Voltage – V
0.07
16
0.00
2
4
6
8
10
12
14
0.01
0.02
0.03
0.04
0.05
0.06
SLEW RATE
vs
SUPPLY VOLTAGE
Figure 87
SLEW RATE
vs
FREE-AIR TEMPERATURE
VI(PP) = 5.5 V
VDD = 10 V
VDD = 5 V
VI(PP) = 1 V
VDD = 5 V
VI(PP) = 2.5 V
VDD = 10 V
VI(PP) = 1 V
– 75
TA – Free-Air Temperature – °C
0.07
125
0.00
– 50
– 25
0
25
50
75
100
0.01
0.02
0.03
0.04
0.05
0.06
CL = 20 pF
RL = 1 MΩ
See Figure 98
AV = 1
Figure 88
0
VDD – Supply Voltage – V
150
16
0
2
4
6
8
10
12
14
30
60
90
120
TA = 25°C
BIAS-SELECT CURRENT
vs
SUPPLY VOLTAGE
135
105
75
45
15
VI(SEL) = VDD
Figure 89
0.1
f – Frequency – kHz
10
100
0
1
2
3
4
5
6
7
8
9
110
VDD = 10 V
VDD = 5 V
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
See Figure 98
RL = 1 MΩ
TA = 125°C
TA = 25°C
TA = –55°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com