Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWRG4 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWRG4
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWRG4 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TLC271CPWRG4 Datasheet HTML 54Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 55Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 56Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 57Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 58Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 59Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 60Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 61Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
input offset voltage nulling
The TLC271 offers external input offset null control. Nulling of the input off set voltage may be achieved by
adjusting a 25-k
Ω potentiometer connected between the offset null terminals with the wiper Connected as
shown in Figure 105. The amount of nulling range varies with the bias selection. In the high-bias mode, the
nulling range allows the maximum offset voltage specified to be trimmed to zero. In low-bias and medium-bias
modes, total nulling may not be possible.
25 k
Ω
N2
VDD
N2
N1
25 k
Ω
GND
(a) SINGLE SUPPLY
(b) SPLIT SUPPLY
–
+
–
+
N1
OUT
OUT
IN –
IN +
IN –
IN +
Figure 105. Input Offset Voltage Null Circuit
bias selection
Bias selection is achieved by connecting the bias select pin to one of the three voltage levels (see Figure 106).
For medium-bias applications, R is recommended that the bias select pin be connected to the mid-point
between the supply rails. This is a simple procedure in split-supply applications, since this point is ground. In
single-supply applications, the medium-bias mode necessitates using a voltage divider as indicated. The use
of large-value resistors in the voltage divider reduces the current drain of the divider from the supply line.
However, large-value resistors used in conjunction with a large-value capacitor requires significant time to
charge up to the supply midpoint after the supply is switched on. A voltage other than the midpoint may be used
if it is within the voltages specified in the table of Figure 106.
0.01
µF
1 M
Ω
VDD
Low
Medium
High
1 M
Ω
To BIAS SELECT
BIAS MODE
BIAS-SELECT VOLTAGE
(single supply)
Low
Medium
High
VDD
1 V to VDD – 1 V
GND
Figure 106. Bias Selection for Single-Supply Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com