Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPWRG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC271CPWRG4
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPWRG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC271CPWRG4 Datasheet HTML 8Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 9Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 10Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 11Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 12Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 13Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 14Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 15Page - Texas Instruments TLC271CPWRG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
2, 3
αVIO
Temperature coefficient
Distribution
4, 5
vs High-level output current
6, 7
VOH
High-level output voltage
vs High level out ut current
vs Supply voltage
6, 7
8
OH
gg
yg
vs Free-air temperature
9
vs Common-mode input voltage
10, 11
VOL
Low level output voltage
vs Common mode in ut voltage
vs Differential input voltage
10, 11
12
VOL
Low-level output voltage
g
vs Free-air temperature
13
vs Low-level output current
14, 15
vs Supply voltage
16
AVD
Large-signal differential voltage amplification
vs Su
ly voltage
vs Free-air temperature
16
17
VD
gg
g
vs Frequency
28, 29
IIB
Input bias current
vs Free-air temperature
18
IIO
Input offset current
vs Free-air temperature
18
VIC
Common-mode input voltage
vs Supply voltage
19
IDD
Supply current
vs Supply voltage
20
IDD
Supply current
yg
vs Free-air temperature
21
SR
Slew rate
vs Supply voltage
22
SR
Slew rate
yg
vs Free-air temperature
23
Bias-select current
vs Supply voltage
24
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
25
B1
Unity gain bandwidth
vs Free-air temperature
26
B1
Unity-gain bandwidth
vs Supply voltage
27
AVD
Large-signal differential voltage amplification
vs Frequency
28, 29
vs Supply voltage
30
φm
Phase margin
vs Su
ly voltage
vs Free-air temperature
30
31
φm
g
vs Capacitive load
32
Vn
Equivalent input noise voltage
vs Frequency
33
Phase shift
vs Frequency
28, 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com