Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP-751 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 6Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 7Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 8Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 9Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 10
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
3.
TE-CORE /RF Components and Connectors
3.1 Energy Harvesting board
3.1.1 DC-DC booster module hardware
PCB top view
TGP: TGP-751 or TGP-651
X2: Connector for external radio board
Zigbee Network Processor module
iM222A from IMST with TI CC2530 TI SoC
C3: Storage capacitor 220 µF
C33: Capacitor extension interface
X1: Additional contacts for Vcc (2) and GND (5)
PCB bottom view
J1, J2: Soldering pads output polarity selection
J3:
Jumper to disconnect TGP from
DC-DC booster / power management
J4:
Jumper to connect indicator LED D3
P1:
Test pad for voltage value at storage capacitor
P3:
Raw TGP voltage output
Magnet - Mounting position for permanent magnet
TGP
Heat Source
Interface
TGP
Heatsink
Interface
X2
X2 Pin position for SFMH connector from SAMTEC Model
SFMH-105-02-L-D-LC, pitch 1.27 mm (Front view)
X2 PIN NO
X2 PIN
NAME
IMST iM222A
NAME
TI CC2530
NAME
Description
PIN TYPE
01, 05, 09
GND
GND
GND
Ground connection
Supply
02
SCL
*
GPIO3
P1_0
I2C Clock wire
IN/OUT
03
SDA
*
reserved
P1_1
I2C Data wire
IN/OUT
04
Vcc
Vcc
Vcc
Supply voltage (typical 2.4 Volt)
Supply
06
Ucap
GPIO0/AIN0
P0_0
Ucap (Voltage measurement at storage capacitor)
OUT
07
Uteg
GPIO1/AIN1
P0_1
Measurement from TGP voltage
OUT
08
not wired
10
GPIO2
GPIO2
P0_6
IO wire to T3 control (TGP open circuit voltage
measurement)
IN
X2 - Terminal connector to Wireless Sensor module
* pull up 10 kOhm resistor R12 and R14 for I2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com