Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP-751 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 25Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 26Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 27Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 28Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 29Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 30Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 31Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 32Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 29
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.8 Duty Cycle Parameter Specifications
“Sleep Time”: How long is the average or fixed period
the attached system is in sleep mode with much re-
duced power consumption? Any period length must
be entered in milliseconds.
Note: This must not include the active period’s duration.
“Sleep Power”: What is the power consumption during
the sleep period? Refer to the field caption for re-
quired units.
“Active Time”: How long is the average or fixed active
period the attached system is active, doing sensing
computing or radio transmission? Any period length
must be entered in milliseconds.
Note: This value must not include the sleep period.
“Active Power”: What is the power consumption dur-
ing the active period? Since power consumption varies
with the tasks carried out during the active period,
each specific portion should be accumulated and aver-
aged over the entire active period. The resulting value
is entered into this field. Refer to the field caption for
required units.
Checking “Connect load” virtually connects the load to
the thermogenerator. With a positive energy balance,
the battery continues to be charged (green level indi-
cator) while a negative energy balance discharges the
battery (red level indicator).
“Power balance” is always calculated and updated
during active connection to an attached TE-CORE /RF.
However, the charge level color indication only works
with “Connect load” being checked
“Power Balance” Simulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com