Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP-751 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Wireless Sensor System
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 24Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 25Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 26Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 27Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 28Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 29Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 30Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 31Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Micropelt - preliminary - Datasheet TE-CORE /RF v1.4 | Page 28
Thermoharvesting Wireless Sensor System
Micropelt TE-CORE /RF
5.7 Power Budget Simulation
The right part of the “Power Budget Simulation” win-
dow is dedicated to configure and simulate a virtual
load, which should be powered by the thermogenera-
tor. This can be a real or just a conceived wireless ap-
plication with specific power consumption and duty
cycle parameters. These parameters are entered into
the respective fields under “Load Settings”. The calcu-
lation concept of this function assumes that
Duty Cycle = Sleep Time + Active Time.
Based on the known duty cycle specifications the first
part of the “Power Budget” is displayed as “Average
Power Demand”. This answers the first of two essential
questions:
How much power does my system consume on average?
The final question is: Does the thermogenerator supply
enough power to run my system sustainable ?
“Power Balance” Simulation
“Power Balance” with good margin
“Power Balance” near zero margin
Negative “Power Balance”: Charge indicator turns red
when load is connected
The “Power Balance” answers this question by sub-
tracting from the “Generated TGP Power” the
“Average power required“ by the virtual wireless sys-
tem. Any positive value means there is more power
generator than is required by the application. Hence,
continuous operation is possible.
If the “Power Balance” is negative, the attached system
will draw the difference from the energy storage. The
charge level indicator bar will turn red as soon as the
load is connected to the “Energy Storage”.
The thermal situation of the thermogenerator must be
considered carefully, e.g. by checking the histogram:
The Power Budget should be positive under all operat-
ing conditions and use-cases. With a sizeable energy
storage, though, it is possible to bridge supply gaps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com