Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9554APW Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9554APW
Description  8-bit I2C-bus and SMBus I/O port with interrupt
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9554APW Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9554APW Datasheet HTML 12Page - NXP Semiconductors PCA9554APW Datasheet HTML 13Page - NXP Semiconductors PCA9554APW Datasheet HTML 14Page - NXP Semiconductors PCA9554APW Datasheet HTML 15Page - NXP Semiconductors PCA9554APW Datasheet HTML 16Page - NXP Semiconductors PCA9554APW Datasheet HTML 17Page - NXP Semiconductors PCA9554APW Datasheet HTML 18Page - NXP Semiconductors PCA9554APW Datasheet HTML 19Page - NXP Semiconductors PCA9554APW Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
PCA9554_9554A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 9 — 19 March 2013
16 of 35
NXP Semiconductors
PCA9554; PCA9554A
8-bit I2C-bus and SMBus I/O port with interrupt
11. Package outline
Fig 17. Package outline SOT162-1 (SO16)
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
10.5
10.1
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.1
0.4
SOT162-1
8
16
w M
b p
D
detail X
Z
e
9
1
y
0.25
075E03
MS-013
pin 1 index
0.1
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.41
0.40
0.30
0.29
0.05
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
0
5
10 mm
scale
SO16: plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
99-12-27
03-02-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com